Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI12P10 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI12P10
Description  100V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI12P10 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI12P10 Datasheet HTML 1Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 2Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 3Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 4Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 5Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 6Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 7Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 8Page - Fairchild Semiconductor FQI12P10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
QFETTM
Rev. B, August 2002
FQB12P10 / FQI12P10
100V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as audio amplifier,
high efficiency switching DC/DC converters, and DC motor
control.
Features
• -11.5A, -100V, RDS(on) = 0.29Ω @VGS = -10 V
• Low gate charge ( typical 21 nC)
• Low Crss ( typical 65 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQB12P10 / FQI12P10
Units
VDSS
Drain-Source Voltage
-100
V
ID
Drain Current
- Continuous (TC = 25°C)
-11.5
A
- Continuous (TC = 100°C)
-8.1
A
IDM
Drain Current
- Pulsed
(Note 1)
-46
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
370
mJ
IAR
Avalanche Current
(Note 1)
-11.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
3.75
W
Power Dissipation (TC = 25°C)
75
W
- Derate above 25°C
0.5
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8! from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.0
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
40
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
D2-PAK
FQB Series
I2-PAK
FQI Series
GS
D
GS
D
S
D
G


Similar Part No. - FQI12P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI12P20 FAIRCHILD-FQI12P20 Datasheet
632Kb / 9P
   200V P-Channel MOSFET
FQI12P20 FAIRCHILD-FQI12P20 Datasheet
1,019Kb / 9P
   200V P-Channel MOSFET
FQI12P20 FAIRCHILD-FQI12P20 Datasheet
1,019Kb / 9P
   FQB12P20 / FQI12P20 200V P-Channel MOSFET
More results

Similar Description - FQI12P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com