Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2029ETP-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2029ETP-T
Description  High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2029ETP-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2029ETP-T Datasheet HTML 1Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 2Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 3Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 4Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 5Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 6Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 7Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 8Page - Maxim Integrated Products MAX2029ETP-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Linearity, 815MHz to 1000MHz Upconversion/
Downconversion Mixer with LO Buffer/Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
RF (RF is DC shorted to GND through a balun)..................50mA
LO1, LO2 to GND ..................................................-0.3V to +0.3V
IF+, IF- to GND ...........................................-0.3V to (VCC + 0.3V)
TAP to GND ...........................................................-0.3V to +1.4V
LOSEL to GND ...........................................-0.3V to (VCC + 0.3V)
LOBIAS to GND..........................................-0.3V to (VCC + 0.3V)
RF, LO1, LO2 Input Power* ............................................+20dBm
Continuous Power Dissipation (TC = +85°C) (Note A)
20-Pin Thin QFN-EP................................................................5W
θJA (Note B)....................................................................+38°C/W
θJC .................................................................................+13°C/W
Operating Temperature Range (Note C) ....TC = -40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note A: Based on junction temperature TJ = TC + (
θJC x VCC x ICC). This formula can be used when the temperature of the
exposed paddle is known while the device is soldered down to a PCB. See the
Applications Information section for details.
The junction temperature must not exceed +150°C.
Note B: Junction temperature TJ = TA + (
θJA x VCC x ICC). This formula can be used when the ambient temperature of the EV kit
PCB is known. The junction temperature must not exceed +150°C. See the
Applications Information section for details.
Note C: TC is the temperature on the exposed paddle of the package. TA is the ambient temperature of the device and PCB.
AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, C5 = 3.3pF, L1 and C4 not used, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50Ω sources,
PLO = -3dBm to +3dBm, PRF = 0dBm, fRF = 815MHz to 1000MHz, fLO = 570MHz to 900MHz, fIF = 90MHz, fLO < fRF, TC = -40°C to
+85°C, unless otherwise noted. Typical values are at VCC = +5V, PLO = 0dBm, fRF = 920MHz, fLO = 830MHz, fIF = 90MHz,
TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
fRF
(Note 2)
815
1000
MHz
LO Frequency Range
fLO
(Note 2)
570
900
MHz
IF Frequency Range
fIF
External IF transformer dependence (Note 2)
DC
250
MHz
LO Drive
PLO
(Note 2)
-3
+3
dBm
LO2 selected, PLO = +3dBm, TC = +25°C,
fRF = 920MHz to 960MHz, fLO = 830MHz to
870MHz
48
53
LO1-to-LO2 Isolation (Note 3)
LO1 selected, PLO = +3dBm, TC = +25°C,
fRF = 920MHz to 960MHz, fLO = 830MHz to
870MHz
50
56
dB
Maximum LO Leakage at RF Port
PLO = +3dBm
-17
dBm
Maximum LO Leakage at IF Port
PLO = +3dBm, fRF = 920MHz to 960MHz,
fLO = 830MHz to 870MHz (Note 3)
-29.5
-23
dBm
*Maximum reliable continuous input power applied to the RF, LO, and IF ports of this device is +15dBm from a 50Ω source.
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VCC = +4.75V to +5.25V, no RF signals applied, TC = -40°C to +85°C. IF+ and IF- are DC grounded through
an IF balun. Typical values are at VCC = +5V, TC = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Supply Current
ICC
85
100
mA
LOSEL Input Logic-Low
VIL
0.8
V
LOSEL Input Logic-High
VIH
2V
Input Current
IIH, IIL
±0.01
µA


Similar Part No. - MAX2029ETP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2029ETP+/+T MAXIM-MAX2029ETP+/+T Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP/-T MAXIM-MAX2029ETP/-T Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
More results

Similar Description - MAX2029ETP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2031 MAXIM-MAX2031 Datasheet
634Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 7/05
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
   High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
   SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com