Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2820AETM-TD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2820AETM-TD
Description  2.4GHz 802.11b Zero-IF Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2820AETM-TD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2820AETM-TD Datasheet HTML 4Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 5Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 6Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 7Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 8Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 9Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 10Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 11Page - Maxim Integrated Products MAX2820AETM-TD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2.4GHz 802.11b Zero-IF Transceivers
8
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2820/MAX2821 EV kit, VCC = +2.7V, fBB = 1MHz, fLO = 2450MHz, receive baseband outputs = 500mVP-P, transmit base-
band inputs = 400mVP-P, ICP = +2mA, BWPLL = 45kHz, differential RF input/output matched to 50
Ω through a balun, baseband
input biased at +1.2V, registers set to default power-up settings, TA = +25
°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
50
60
70
80
90
100
0
-40
85
RECEIVE, VRF_GAIN = VIH
RECEIVE, VRF_GAIN = VIL
TRANSMIT
STANDBY
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
3.3
3.0
10
20
30
40
50
60
70
80
90
100
0
2.7
3.6
RECEIVE, VRF_GAIN = VIH
RECEIVE, VRF_GAIN = VIL
TRANSMIT
STANDBY
VRX_AGC (V)
1.5
1.0
0.5
20
40
60
80
100
120
0
02.0
RECEIVER VOLTAGE GAIN
vs. GAIN-CONTROL VOLTAGE
VOUT = 500mVP-P
fBB = 1MHz
fLO = 2450MHz
VRF_GAIN = VIH,
("A" VERSION)
VRF_GAIN = VIL,
("A" VERSION)
VRF_GAIN = VIH
VRF_GAIN = VIL
RF FREQUENCY (MHz)
2480
2460
2420
2440
5
10
15
20
25
30
35
40
0
2400
2500
RECEIVER VOLTAGE GAIN
vs. RF FREQUENCY
fBB = 1MHz
VRF_GAIN = VIL, VRX_AGC = 2.0V
VRF_GAIN = VIH, VRX_AGC = 2.0V
RX GAIN (dB)
80
60
40
20
5
10
15
20
25
30
35
40
45
50
0
0100
RECEIVER NOISE FIGURE vs. GAIN
VRF_GAIN = VIL
fBB = 1MHz
fLO = 2450MHz
VRF_GAIN = VIH
PIN (dBm)
-40
-45
-50
-55
-60
-65
-35
RECEIVER DETECTOR HYSTERESIS
vs. INPUT POWER
HIGH-GAIN MODE
MAX2820/MAX2821 ONLY
LOW-GAIN MODE
HIGH
LOW
HIGH
LOW
FREQUENCY (kHz)
100
10
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-90
1
1000
RECEIVER FILTER RESPONSE
(1kHz TO 1MHz)
RX_1K = VIH
RX_1K = VIH,
("A" VERSION)
RX_1K = VIL,
(BOTH VERSIONS)
FREQUENCY (MHz)
10
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-90
1
100
"A" VERSION
RECEIVER FILTER RESPONSE
(1MHz TO 100MHz)
RECEIVER LEAKAGE SPECTRUM
FREQUENCY (GHz)
7.2
6.4
4.8 5.6
1.6 2.4 3.2 4.0
0.8
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
-120
08.0
VRF_GAIN = VIH
fLO = 2400MHz


Similar Part No. - MAX2820AETM-TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX28200 MAXIM-MAX28200 Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
MAX28200EVKIT MAXIM-MAX28200EVKIT Datasheet
1Mb / 9P
   MAX28200 Evaluation Kit
Rev 0; 1/19
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
MAX2820EGM-TD MAXIM-MAX2820EGM-TD Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
More results

Similar Description - MAX2820AETM-TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com