Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E4016PSG Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86E4016PSG
Description  Z8 4K OTP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E4016PSG Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86E4016PSG Datasheet HTML 5Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 6Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 7Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 8Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 9Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 10Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 11Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 12Page - Zilog, Inc. Z86E4016PSG Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
PS011706-0511
Overview
CMOS SCC Serial Communications Controller
Product Specification
1
Overview
The features of Zilog’s Z80C30 and Z85C30 devices include:
Z85C30: optimized for nonmultiplexed bus microprocessors
Z80C30: optimized for multiplexed bus microprocessors
Pin-compatible to NMOS versions
Two independent 0 to 4.1Mbps, full-duplex channels, each with separate crystal oscil-
lator, Baud Rate Generator (BRG), and Digital Phase-Locked Loop (DPLL) for clock
recovery
Multiprotocol operation under program control; programmable for NRZ, NRZI or FM
data encoding
Asynchronous Mode with Five to Eight Bits and One, One and One-Half, or Two Stop
Bits Per Character, Programmable Clock Factor, Break Detection and Generation; Par-
ity, Overrun, and Framing Error Detection
Synchronous Mode with Internal or External Character Synchronization on One or
Two Synchronous Characters and CRC Generation and Checking with CRC-16 or
CRC-CCITT Preset to either 1s or 0s
SDLC/HDLC Mode with Comprehensive Frame-Level Control, Automatic Zero Inser-
tion and Deletion, I-Field Residue Handling, Abort Generation and Detection, CRC
Generation and Checking, and SDLC Loop
Software Interrupt Acknowledge Feature (not available with NMOS)
Local Loopback and Auto Echo Modes
Supports T1 Digital Trunk2
Enhanced DMA Support (not available with NMOS) 10 x 19-Bit Status FIFO 14-Bit
Byte Counter
Speeds
Z85C3O: 8.5, 10, 16.384MHz
Z80C3O: 8, 10MHz
Other Features for Z85C30 Only
Some of the features listed below are available by default. Some of them (features with *)
are disabled on default to maintain compatibility with the existing Serial Communications
Controller (SCC) design, and “program to enable through WR7”:


Similar Part No. - Z86E4016PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86E4016PSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com