Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3996CGP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3996CGP
Description  3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3996CGP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3996CGP Datasheet HTML 1Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 2Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 3Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 4Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 5Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 6Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 7Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 8Page - Maxim Integrated Products MAX3996CGP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX3996 is a high-speed laser driver for small-
form-factor (SFF) fiber optic LAN transmitters. It con-
tains a bias generator, a laser modulator, and
comprehensive safety features. Automatic power con-
trol (APC) adjusts the laser bias current to maintain
average optical power, regardless of changes in tem-
perature or laser properties. The driver accommodates
common anode or differential laser configurations. The
output current range of the MAX3996 is appropriate for
VCSELs and high-efficiency edge-emitting lasers.
The MAX3996 operates up to 3.2Gbps. It can switch up
to 30mA of laser modulation current and sink up to
60mA bias current. Adjustable temperature compensa-
tion is provided to keep the optical extinction ratio with-
in specifications over the operating temperature range.
The MAX3996 accommodates various laser packages,
including low-cost TO-46 headers. Low deterministic jit-
ter (9psP-P), combined with fast edge transitions,
(65ps) provides excellent margins compared to indus-
try-standard transmitter eye masks.
This laser driver provides extensive safety features to
guarantee single-point fault tolerance. Safety features
include a transmit disable, redundant shutdown, and
laser-bias monitoring. The safety circuit detects faults
that could cause hazardous light levels and immediate-
ly disables the laser output. The MAX3996 safety cir-
cuits are compliant with SFF and small-form-factor
pluggable (SFP) multisource agreements (MSA).
The MAX3996 is available in a compact 4mm 4mm,
20-pin QFN package and a 20-pin thin QFN package. It
operates over a temperature range of 0°C to +70°C.
Applications
Fibre Channel Optical Transmitters
VCSEL Transmitters
Gigabit Ethernet Optical Transmitters
ATM LAN Optical Transmitters
10 Gigabit Ethernet WWDM
Features
o 9psP-P Deterministic Jitter
o 20-Pin QFN 4mm 4mm Package
o 3.0V to 5.5V Supply Voltage
o Automatic Power Control
o Integrated Safety Circuits
o 30mA Laser Modulation Current
o Temperature Compensation of Modulation
Current
o Compliant with SFF and SFP MSA
3.0V to 5.5V, 2.5Gbps VCSEL
and Laser Driver
________________________________________________________________ Maxim Integrated Products
1
MAX3996
0.01
µF
0.01
µF
CPORDLY
RTC
RMOD
CCOMP
N.C.
0.01
µF
0.01
µF
0.01
µF
L1*
25
OPTIONAL SHUTDOWN
CIRCUITRY
1.8k
VCC
VCC
VCC
TX_DISABLE
FAULT
IN+
IN-
PORDLY
TC
MODSET
MON1 MON2 COMP
GND
MD
BIAS
OUT+
OUT-
SHDNDRV
*FERRITE BEAD
RSET
Typical Application Circuit
Ordering Information
19-2194; Rev 3; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
PACKAGE
CODE
MAX3996CGP
0°C to +70°C
20 QFN
G2044-3
MAX3996CTP+
0°C to +70°C
20 Thin QFN
T2044-3
Pin Configuration appears at end of data sheet.
+Denotes Lead-Free Package


Similar Part No. - MAX3996CGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3996CGP MAXIM-MAX3996CGP Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
More results

Similar Description - MAX3996CGP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com