Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4372TEUK+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4372TEUK+T
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372TEUK+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4372TEUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4372TEUK+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
_______________Detailed Description
The MAX4372 high-side current-sense amplifier fea-
tures a 0 to 28V input common-mode range that is inde-
pendent of supply voltage. This feature allows the
monitoring of current flow out of a battery in deep dis-
charge, and also enables high-side current sensing at
voltages far in excess of the supply voltage (VCC).
Current flows through the sense resistor, generating a
sense voltage (Figure 1). Since A1’s inverting input is
high impedance, the voltage on the negative terminal
equals VIN - VSENSE. A1 forces its positive terminal to
match its negative terminal; therefore, the voltage
across RG1 (VIN - V1-) equals VSENSE. This creates a
current to flow through RG1 equal to VSENSE / RG1. The
transistor and current mirror amplify the current by a
factor of
β. This makes the current flowing out of the
current mirror equal to:
IM =
β VSENSE / RG1
A2’s positive terminal presents high impedance, so this
current flows through RGD, with the following result:
V2+ = RGD
β ·· VSENSE / RG1
R1 and R2 set the closed-loop gain for A2, which ampli-
fies V2+, yielding:
VOUT = RGD ··
β ·· VSENSE / RG1 (1 + R2 / R1)
The gain of the device equals:
VOUT
= RGD ··
β (1 + R2 / R1) / RG1
VSENSE
__________Applications Information
Recommended Component Values
The MAX4372 operates over a wide variety of current
ranges with different sense resistors. Table 1 lists com-
mon resistor values for typical operation of the
MAX4372.
Choosing RSENSE
Given the gain and maximum load current, select RSENSE
such that VOUT does not exceed VCC - 0.25V or 10V. To
measure lower currents more accurately, use a high
value for RSENSE. A higher value develops a higher sense
voltage, which overcomes offset voltage errors of the
internal current amplifier.
In applications monitoring very high current, ensure
RSENSE is able to dissipate its own I
2R losses. If the
resistor’s rated power dissipation is exceeded, its value
may drift or it may fail altogether, causing a differential
voltage across the terminals in excess of the absolute
maximum ratings.
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
MAX4372T/F/H
GND
TO
LOAD
VIN
0 TO 28V
2.7V
TO
28V
R1
RGD
RG2
100k
Ω
RS+
RS-
RG1
100k
Ω
R2
OUT
V2+
V1+
V1-
V2-
VCC
RSENSE
ILOAD
IM
VSENSE
CURRENT
MIRROR
A1
A2
Pin/Bump Description
1
3
Ground
2
4
Output Voltage. VOUT is proportional to the magnitude of VSENSE
(VRS+ - VRS-).
A2
A3
SO
FUNCTION
SOT23
UCSP
3
1
Supply Voltage. Use at least a 0.1µF capacitor to decouple VCC from fast
transients.
4
8
Power Connection to the External Sense Resistor
A1
B1
5
6
Load-Side Connection to the External Sense Resistor
2, 5, 7
No Connection. Not internally connected.
B3
GND
OUT
NAME
VCC
RS+
RS-
N.C.
PIN
BUMP
Figure 1. Functional Diagram
6
Maxim Integrated
MAX4372T/F/H


Similar Part No. - MAX4372TEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4372TEUK+T MAXIM-MAX4372TEUK+T Datasheet
1Mb / 12P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
More results

Similar Description - MAX4372TEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4173T MAXIM-MAX4173T Datasheet
204Kb / 12P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 5/99
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com