Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8893BEWV+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8893BEWV+
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893BEWV+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8893BEWV+ Datasheet HTML 1Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 2Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 3Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 4Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 5Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 6Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 7Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 8Page - Maxim Integrated Products MAX8893BEWV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
Maxim Integrated
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
MAX8893A/MAX8893B/MAX8893C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
IN1, IN2, BATT, COM1, COM2 to AGND.............-0.3V to +6.0V
BUCK, LS, ENLS, ENBUCK, ENLDO1, ENLDO2,
ENLDO3, ENLDO45, REFBP, LDO2, LDO3,
SCL, SDA, ENUSB, CB, NC1, NC2,
NO1, NO2 to AGND .......................... -0.3V to (VBATT + 0.3V)
LDO1, LDO4, LDO5 to AGND.................. -0.3V to (VIN2 + 0.3V)
PGND to AGND....................................................-0.3V to +0.3V
LX Current .....................................................................1.5ARMS
LX to AGND (Note 1)................................ -0.3V to (VIN1 + 0.3V)
Continuous Power Dissipation (TA = +70NC)
30-Bump, 3.0mm x 2.5mm WLP (derate 20.0mW/NC
above +70NC).............................................................1600mW
Junction-to-Ambient Thermal Resistance (θJA)
(Note 2) ........................................................................50NC/W
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Bump Temperature (soldering)
Infrared (15s)...............................................................+200NC
Vapor Phase (20s).......................................................+215NC
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
ABSOLUTE MAXIMUM RATINGS
Note 1: LX has internal clap diodes to PGND and IN1. Applications that forward bias these diodes should take care not to exceed
the IC’s package-dissipation limits.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-lay-
er board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Range
2.7
5.5
V
Shutdown Supply Current
VCB = 0V or VIN, VENUSB = VIN, VENLS = VENBUCK =
VENLDO1 = VENLDO2 = VENLDO3 = VENLDO45 = 0V
0.6
5
F
A
No-Load Supply Current
No load on BUCK, LDO1, LDO2, LDO3, LDO4, and
LDO5, VENUSB = 0V, VENLS = VIN
160
200
F
A
Light-Load Supply Current
BUCK on with 500FA load, all LDOs on with no load,
VENUSB = 0V, VENLS = VIN
315
F
A
UNDERVOLTAGE LOCKOUT
Undervoltage Lockout (Note 5)
VIN_ rising
2.70
2.85
3.05
V
VIN_ falling
2.35
2.55
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TA rising
160
N
C
Thermal Shutdown Hysteresis
10
N
C
REFERENCE
Reference Bypass Output
Voltage
0.786
0.800
0.814
V
REF Supply Rejection
2.7V P VIN P 5.5V
0.2
mV/V
LOGIC AND CONTROL INPUTS
Input Low Level
ENLS, ENBUCK, ENLDO1, ENLDO2, ENLDO3,
ENLDO45, ENUSB, SDA, SCL, 2.7V P VIN P 5.5V
0.4
V
Input High Level
ENLS, ENBUCK, ENLDO1, ENLDO2, ENLDO3,
ENLDO45, ENUSB, SDA, SCL, 2.7V P VIN P 5.5V
1.4
V


Similar Part No. - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893BEWV++ MAXIM-MAX8893BEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893BEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A Datasheet
4Mb / 50P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 0; 10/09
MAX8893A MAXIM-MAX8893A_10 Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com