Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSX634 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSX634
Description  Micropower (45 關A, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX634 Datasheet(HTML) 3 Page - STMicroelectronics

  TSX634 Datasheet HTML 1Page - STMicroelectronics TSX634 Datasheet HTML 2Page - STMicroelectronics TSX634 Datasheet HTML 3Page - STMicroelectronics TSX634 Datasheet HTML 4Page - STMicroelectronics TSX634 Datasheet HTML 5Page - STMicroelectronics TSX634 Datasheet HTML 6Page - STMicroelectronics TSX634 Datasheet HTML 7Page - STMicroelectronics TSX634 Datasheet HTML 8Page - STMicroelectronics TSX634 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DocID024293 Rev 1
3/31
TSX63x, TSX63xA
Package pin connections
1
Package pin connections
Figure 1. Pin connections for each package (top view)
DFN8 2x2 (TSX632)
Mini-SO8 (TSX632)
TSSOP14 (TSX634)
QFN16 3x3 (TSX634)
Single
SOT23-5 (TSX631)
Dual
Quad


Similar Part No. - TSX634

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSX-3225 ETC-TSX-3225 Datasheet
54Kb / 1P
   Ceramic Seam Weld
logo
Epson ToYoCom
TSX-3225 EPSONTOYOCOM-TSX-3225 Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
TSX-3225 EPSONTOYOCOM-TSX-3225 Datasheet
243Kb / 1P
   MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
TSX-3225 EPSON-TSX-3225 Datasheet
738Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
TSX-4025 EPSONTOYOCOM-TSX-4025 Datasheet
406Kb / 2P
   MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results

Similar Description - TSX634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
   Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com