Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-FSMF010X Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-FSMF010X
Description  Compact design to save board space - 0603 footprint
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF010X Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-FSMF010X Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Time to Trip at 23 °C
The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific
customer applications may differ from these values due to the influence of other variables.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-FSMF Series - PTC Resettable Fuses
MF-FSMF SERIES, REV. G, 05/11
0.001
0.01
0.1
1
10
100
0.1
1
10
Fault Current (Amps)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - MF-FSMF010X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSMF010X BOURNS-MF-FSMF010X Datasheet
264Kb / 4P
   MF-FSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-FSMF010X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L012 LITTELFUSE-1206L012_12 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Bothhand USA, LP.
KLU4S041C-LF BOTHHAND-KLU4S041C-LF Datasheet
240Kb / 2P
   Size same as RJ-45 connector to save PCB board space
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
Productwell Precision E...
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
RKJXP12001 PRODUCTWELL-RKJXP12001_14 Datasheet
122Kb / 1P
   Compact design with a good space factor
RKJXP12004 PRODUCTWELL-RKJXP12004_14 Datasheet
123Kb / 1P
   Compact design with a good space factor
RKJXP0501 PRODUCTWELL-RKJXP0501 Datasheet
184Kb / 1P
   Compact design with a good space factor
RKJXK12001 PRODUCTWELL-RKJXK12001 Datasheet
117Kb / 1P
   Compact design with a good space factor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com