Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82Z1D-Z33-BA0 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 82Z1D-Z33-BA0
Description  Model 82 Vintage Premium Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

82Z1D-Z33-BA0 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  82Z1D-Z33-BA0 Datasheet HTML 1Page - Bourns Electronic Solutions 82Z1D-Z33-BA0 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15.88 ± 0.38
(.625 ± .015)
15.88 ± 0.38
(.625 ± .015)
5.87 ± 0.25
(.231 ± .010)
15.88 ± 0.38
(.625 ± .015)
17.48 ± 0.78
(.688 ± .031)
FMS
0.25
(.010)
X 45 ° ± 5 ° CHAMFER
STANDOFF
ALL TERMINALS
MAX. ALL TERMINALS
MOUNTING FACE
0.81
(.032)
R
INSIDE
ALL TERMINALS
0.76 ± 0.25
(.030 ± .010)
0.81
(.032)
TYP.
DIA.
MIN.
0.38
(.015)
1.57 ± 0.25
(.062 ± .010)
9.58 ± 0.38
(.377 ± .015)
5.03
(.198)
DIA.
5.97
(.235)
DIA.
5.33 ± 0.76
(.21 ± .03)
5.97 ± 0.38
(.235 ± .015)
9.53 ± 0.38
(.375 ± .015)
7.92
(.312)
3.81
(.150)
9.40 ± 0.76
(.37 ± .03)
5.08 ± 0.38
(.200 ± .015)
18 TEETH
KNURLED
SHAFT
5.87 ± 0.25
(.231 ± .010)
15.88 ± 0.38
(.625 ± .015)
26.97 ± 0.78
(1.062 ± .031)
FMS
0.25
(.010)
X 45 ° ± 5 ° CHAMFER
MOUNTING FACE
0.76 ± 0.25
(.030 ± .010)
0.81
(.032)
TYP.
DIA.
MIN.
1.57 ± 0.25
(.062 ± .010)
5.03
(.198)
DIA.
5.97
(.235)
DIA.
5.97 ± 0.38
(.235 ± .015)
19.05 ± 0.38
(.750 ± .015)
17.45
(.687)
MIN.
7.92
(.312)
5.08 ± 0.38
(.200 ± .015)
18 TEETH
KNURLED
SHAFT
(LONG)
3/8-32 NEF-2B
9.58 / 9.93
(.377 / .391)
14.66 +0.00/-0.43
(.577 +.000/-.017)
12.52 / 12.88
(.493 / .507)
0.56
(.022)
REF.
LOCKWASHER
HEX NUT
FLAT WASHER
2.36
(.093)
30 ° ± 5 °
PLAIN
SHAFT
15.88 ± 0.41
(.625 ± .016)
19.05 ± 0.78
(.750 ± .031)
FMS
0.25
(.010)
X 45 ° ± 5 ° CHAMFER
2
3
1
MOUNTING FACE
3/8-32
UNEF-2A
0.81
(.032)
TYP.
DIA.
MIN.
5.97 ± 0.38
(.235 ± .015)
9.53 ± 0.38
(.375 ± .015)
7.92
(.312)
5.08 ± 0.38
(.200 ± .015)
6.0
(.236)
DIA.
16.0
(.630)
13.57
(.534)
26.0 ± 0.13
(1.024 ± .005)
12.75 ± 0.13
(.502 ± .005)
2.47
(.097)
1.83
(.072)
0.86
(.034)
2.86
(.113)
4.35
(.171)
1.60
(.063)
2.24
(.088)
SOLDER LUG
WASHER
0.65 ± 0.05
(.026 ± .002)
DIA.
9.75 ± 0.13
(.384 ± .005)
DIA.
1.0
(.039)
R
135 °
1.60
(.063)
R
0.15
(.006)
R
2 PLCS.
0.80
(.031)
R
15.75 ± 0.13
(.620 ± 0.005)
DIA.
1.0
(.039)
R
3.16
(.124)
3.00
(.118)
5.70
(.224)
0.5
(.020)
R
0.5
(.020)
R
0.81 ± 0.08
(.032 ± .003)
DIA.
10.41
(.410)
DIA.
14.43
(.568)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Model 82 Vintage Premium Guitar Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
REV. 10/11
Additional Features
Standard audio taper
Long rotational life
RoHS compliant*
Applications
Electric guitars
Bass guitars


Similar Description - 82Z1D-Z33-BA0

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
   Model 95 Premium Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
   CTS Guitar Series 24mm Potentiometer
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
PDB182-GTRB BOURNS-PDB182-GTRB Datasheet
258Kb / 2P
   PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com