Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFAC04D03V Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFAC04D03V
Description  Rad-hard advanced high-speed 5 V CMOS logic series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAC04D03V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFAC04D03V Datasheet HTML 6Page - STMicroelectronics RHFAC04D03V Datasheet HTML 7Page - STMicroelectronics RHFAC04D03V Datasheet HTML 8Page - STMicroelectronics RHFAC04D03V Datasheet HTML 9Page - STMicroelectronics RHFAC04D03V Datasheet HTML 10Page - STMicroelectronics RHFAC04D03V Datasheet HTML 11Page - STMicroelectronics RHFAC04D03V Datasheet HTML 12Page - STMicroelectronics RHFAC04D03V Datasheet HTML 13Page - STMicroelectronics RHFAC04D03V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Maximum rating
54ACxxxx, 54ACTxxxx
10/29
DocID17352 Rev 4
3.2
Recommended operating conditions
3.2.1
54AC series
3.2.2
54ACT series
Table 4.
Recommended operating conditions for 54AC series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
TOP
Operating temperature
-55 to 150
°C
dt/dv
Input rise and fall time(1) VCC = 3.0, 4.5 or 5.5
1. VIN from 30% to 70% of VCC.
0 to 8
ns/V
Table 5.
Recommended operating conditions for 54ACT series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
TOP
Operating temperature
-55 to 150
°C
dt/dv
Input rise and fall time(1) VCC = 3.0, 4.5 or 5.5
1. VIN from 30% to 70% of VCC.
0 to 8
ns/V


Similar Part No. - RHFAC04D03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
STMicroelectronics
RHFAC164245K1 STMICROELECTRONICS-RHFAC164245K1 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
logo
List of Unclassifed Man...
RHFAC244D03V ETC2-RHFAC244D03V Datasheet
351Kb / 27P
   DLA LAND AND MARITIME COLUMBUS, OHIO 43218-3990
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
More results

Similar Description - RHFAC04D03V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com