Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD221I Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD221I
Description  Gate Driver with VReg and Two Point Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221I Datasheet(HTML) 6 Page - STMicroelectronics

  TD221I Datasheet HTML 1Page - STMicroelectronics TD221I Datasheet HTML 2Page - STMicroelectronics TD221I Datasheet HTML 3Page - STMicroelectronics TD221I Datasheet HTML 4Page - STMicroelectronics TD221I Datasheet HTML 5Page - STMicroelectronics TD221I Datasheet HTML 6Page - STMicroelectronics TD221I Datasheet HTML 7Page - STMicroelectronics TD221I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TD220/221
Timing Diagrams
6/8
4
TIMING DIAGRAMS
Fig. 1: Power up and power down
Fig. 2: Two point regulator
APPLICATION DIAGRAM
VCC
Icc
GATE
Istby
VOL2
UVH
UVL
Vccmin
VOUT
1V
Tstartup
VCC
13.6V
12.4V
GND
VCAP
VSUP
300mV
GND
IN
VOUT
VCC
GATE
VCAP
VSUP
L?
Q?
R?
D?
C?
1uF
C?
220nF
C?
10uF
C?
C?
R?
µC
HV DC ou
HV DC in
DC supply
D1
D2
D3
Q1
22V
Vreg
UVLO
TPR
13V


Similar Part No. - TD221I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD221I STMICROELECTRONICS-TD221I Datasheet
79Kb / 8P
   Gate Driver with VReg and Two Point Regulator
More results

Similar Description - TD221I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD220 STMICROELECTRONICS-TD220 Datasheet
79Kb / 8P
   Gate Driver with VReg and Two Point Regulator
AN1707 STMICROELECTRONICS-AN1707 Datasheet
176Kb / 5P
   Gate Driver with Vreg and Two-Point Regulator
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
   Gate Driver with VReg and Charge Pump Regulator
logo
NXP Semiconductors
74F08 PHILIPS-74F08 Datasheet
70Kb / 8P
   Quad two-input AND gate
1995 Apr 19
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
   DC/DC Converter with Power Point Control and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com