Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T830-8FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # T830-8FP
Description  8 A Snubberless Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T830-8FP Datasheet(HTML) 2 Page - STMicroelectronics

  T830-8FP Datasheet HTML 1Page - STMicroelectronics T830-8FP Datasheet HTML 2Page - STMicroelectronics T830-8FP Datasheet HTML 3Page - STMicroelectronics T830-8FP Datasheet HTML 4Page - STMicroelectronics T830-8FP Datasheet HTML 5Page - STMicroelectronics T830-8FP Datasheet HTML 6Page - STMicroelectronics T830-8FP Datasheet HTML 7Page - STMicroelectronics T830-8FP Datasheet HTML 8Page - STMicroelectronics T830-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T830-8FP
2/9
Doc ID 023366 Rev 1
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(rms)
On-state rms current (full sine wave)
Tc = 95 °C
8
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
80
A
F = 60 Hz
t = 16.7 ms
84
I²tI²t Value for fusing
tp = 10 ms
42
A²s
dI/dt
Critical rate of rise of on-state
current IG = 2 x IGT, tr  100 ns
F = 120 Hz
Tj = 125 °C
100
A/µs
VDSM,
VRSM
Non repetitive surge peak on-state
voltage
tp = 10 ms
Tj = 25 °C
900
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
TL
Lead temperature for soldering during 10 s
(at 4 mm from case)
260
°C
Vins
Insulation rms voltage, 1 minute
1500
V
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
1.
Minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V, RL = 30 
I - II - III
Max.
30
mA
VGT
1.3
V
VGD
VD = VDRM, RL = 3.3 kTj = 125 °C
I - II - III
Min.
0.2
V
IH
(2)
2.
For both polarities of A2 referenced to A1.
IT = 250 mA
Max.
50
mA
IL
IG = 1.2 IGT
I - II - III
Max.
60
mA
dV/dt
VD = 67%VDRM, gate open
Tj = 125 °C
Min.
2500
V/µs
(dI/dt)c
Without snubber
Tj = 125 °C
Min.
10.0
A/ms


Similar Part No. - T830-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T830-800W STMICROELECTRONICS-T830-800W Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T830-800W STMICROELECTRONICS-T830-800W Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Kersemi Electronic Co.,...
T830-800W KERSEMI-T830-800W Datasheet
418Kb / 5P
   TRIAC
More results

Similar Description - T830-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
   6 A Snubberless??Triac
January 2015 Rev 2
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
   Snubberless 16 A Triac
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
   6 A Snubberless??Triac
July 2014 Rev 3
T835T-8G STMICROELECTRONICS-T835T-8G Datasheet
232Kb / 11P
   8 A 800 V D2PAK Snubberless™ Triac
DS12531 - Rev 3 - July 2018
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
   40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com