Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMM-A100-U4PJ1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMM-A100-U4PJ1
Description  Band 3 Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMM-A100-U4PJ1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMM-A100-U4PJ1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMM-A100-U4PJ1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Figure 18. Package Outline Drawing
Figure 20. Product Marking and Pin Orientation
Figure 19. Pad Detail
“A” = Avago Technologies
A = Lot Number
B = Lot Number
K = Product (ACMD-6103)
Y = Year, last digit
W = Work Week *
* Refer to Appendix A for Work Week Cross-Reference
Notes:
1. Dimensions in millimeters
2. Tolerance: X.XX ± 0.05 mm
X.XXX ± 0.025 mm
3. Dimensions nominal unless otherwise noted
4. Angles 45° nominal
5. Contact areas are gold plated
PIN 1 MARK
RX
2.00
±0.075
0.825
±0.075
TX
1.60
±0.075
1.850
TOP VIEW
BOTTOM VIEW
SIDE VIEW
ANT
GND
GND
GND
GND
GND
(GND)
0.925
0.60
(6)
(9)
(8)
(1)
(2)
(3)
(4)
(5)
(7)
Pin Connections:
1
Rx
2, 4, 5, 7, 9 Gnd
3
Tx
6
Ant
8
Gnd
0.33 (3X)
0.30 (3X)
0.075 ±0.050
ALL AROUND
0.60
(REF)
PAD 2
0.08
(0.13 MAX)
0.33
PADS 1, 3-8
CENTER PAD 9
0.15 X 45°
0.33
(REF)
0.08
(0.13 MAX)
RX
TX
ANT
AB
PIN 1 MARK
KYWW
A


Similar Part No. - HSMM-A100-U4PJ1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-A100-U4PJ1 AVAGO-HSMM-A100-U4PJ1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Broadcom Corporation.
HSMM-A100-U4PJ1 BOARDCOM-HSMM-A100-U4PJ1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMM-A100-U4PJ1 BOARDCOM-HSMM-A100-U4PJ1 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMM-A100-U4PJ1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6103 AVAGO-ACMD-6103 Datasheet
756Kb / 14P
   Band 3 Duplexer
logo
Broadcom Corporation.
ACMD-6103 BOARDCOM-ACMD-6103 Datasheet
756Kb / 14P
   Band 3 Duplexer
logo
Qorvo, Inc
TQQ6103 QORVO-TQQ6103 Datasheet
596Kb / 11P
   Band 3 Duplexer
logo
Broadcom Corporation.
ACMD-6003 BOARDCOM-ACMD-6003 Datasheet
455Kb / 14P
   UMTS Band 3 Duplexer
logo
Qorvo, Inc
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
logo
CTS Corporation
CMD003A CTS-CMD003A Datasheet
465Kb / 3P
   Band 3 CMD Series Duplexer
USD003A CTS-USD003A Datasheet
466Kb / 2P
   Band 3 USD Series Duplexer
logo
Qorvo, Inc
QPQ1297 QORVO-QPQ1297_V01 Datasheet
879Kb / 15P
   FDD Band 3 BAW Duplexer
April 8, 2022
logo
Broadcom Corporation.
ACMD-6102 BOARDCOM-ACMD-6102 Datasheet
183Kb / 2P
   Band 2 Duplexer
ACMD-6125 BOARDCOM-ACMD-6125 Datasheet
744Kb / 13P
   Band 25 Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com