Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSML-C197 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-C197
Description  High Performance Chip LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-C197 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSML-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
Parameter
HSMx-Cxxx
Units
DC Forward Current [1]
25
mA
Power Dissipation
60
mW
Reverse Voltage (IR = 100 μA)
5
V
LED Junction Temperature
95
˚C
Operating Temperature Range
–40 to +85
˚C
Storage Temperature Range
–40 to +85
˚C
Soldering Temperature
See reflow soldering profile (Figures 8 & 9)
Notes:
1. Derate linearly as shown in Figure 4.
Electrical Characteristics at TA = 25˚C
Part Number
Forward Voltage
VF (Volts)
@ IF = 20 mA
Reverse Breakdown
VR (Volts)
@ IR = 100 μA
Capacitance C
(pF), VF = 0,
f = 1 MHz
Thermal
Resistance
R
TJ–PIN (˚C/W)
Typ.
Max.
Min.
Typ.
Typ.
HSMA-C120
1.9
2.4
5
11
400
HSMA-C177/197
1.9
2.4
5
11
300
HSMA-C265
1.9
2.4
5
11
550
HSMC-C120
1.9
2.4
5
15
400
HSMC-C177/197
1.9
2.4
5
15
300
HSMC-C265
1.9
2.4
5
15
550
HSML-C120
1.9
2.4
5
20
400
HSML-C177/197
1.9
2.4
5
20
300
HSML-C265
1.9
2.4
5
20
550
HSMT-C177/197
1.9
2.4
5
15
300
HSMT-C265
1.9
2.4
5
15
550
VF Tolerance: ± 0.1 V


Similar Part No. - HSML-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSML-C190 ETC1-HSML-C190 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C190 AVAGO-HSML-C190 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSML-C190 BOARDCOM-HSML-C190 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSML-C191 ETC1-HSML-C191 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C191 AVAGO-HSML-C191 Datasheet
420Kb / 11P
   High Performance ChipLED
More results

Similar Description - HSML-C197

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
   High Performance Surface Mount Chip LEDs
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
   High Performance with Reflector LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com