Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-342MC Datasheet(PDF) 3 Page - Rohm

Part # SLR-342MC
Description  SLR-342 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342MC Datasheet(HTML) 3 Page - Rohm

  SLR-342MC Datasheet HTML 1Page - Rohm SLR-342MC Datasheet HTML 2Page - Rohm SLR-342MC Datasheet HTML 3Page - Rohm SLR-342MC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLR-342 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342VC
Diffused Colored
SLR-342VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342DC
Diffused Colored
SLR-342DU
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342YC
Diffused Colored
SLR-342YY
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342MC
Diffused Colored
SLR-342MG
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
3 4 2 Y
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
T
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
M
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-342MC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342MC ROHM-SLR-342MC Datasheet
130Kb / 3P
   3.1(T-1) Circular Type Standard Type
SLR-342MC ROHM-SLR-342MC Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-342MC ROHM-SLR-342MC Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-342MC ROHM-SLR-342MC Datasheet
878Kb / 4P
   ROHM Customer Support System
SLR-342MC ROHM-SLR-342MC Datasheet
878Kb / 4P
   Rank Reference of Brightness
More results

Similar Description - SLR-342MC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
   SLR-343 Series
SLR343BC7TT32 ROHM-SLR343BC7TT32 Datasheet
164Kb / 5P
   SLR-343 Series
logo
ELESTA GmbH
SLR4 ELESTA-SLR4 Datasheet
254Kb / 1P
   SLR 4 Series
logo
Rohm
SLR-332DC3F ROHM-SLR-332DC3F Datasheet
868Kb / 4P
   SLR-332 Series
logo
Advantech Co., Ltd.
BB-SG30000520-42 ADVANTECH-BB-SG30000520-42 Datasheet
632Kb / 2P
   SmartSwarm 342 series Asset Integration Gateways
logo
Rohm
SLR-56VR3F ROHM-SLR-56VR3F Datasheet
899Kb / 4P
   SLR-56 Series
logo
Samtec, Inc
ASP-129637-01 SAMTEC-ASP-129637-01 Datasheet
203Kb / 2P
   342 STACKER HEIGHT NOT AVAILABLE AS STANDAR
logo
Littelfuse
342 LITTELFUSE-342_V01 Datasheet
315Kb / 1P
   342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
logo
Vishay Siliconix
GA200SA60SP VISHAY-GA200SA60SP Datasheet
182Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
Revision: 22-Jul-10
GA200SA60SP VISHAY-GA200SA60SP_V01 Datasheet
181Kb / 9P
   Insulated Gate Bipolar Transistor Ultralow VCE(on), 342 A
02-Oct-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com