Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8910PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF8910PBF
Description  Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8910PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF8910PBF_08 Datasheet HTML 2Page - International Rectifier IRF8910PBF_08 Datasheet HTML 3Page - International Rectifier IRF8910PBF_08 Datasheet HTML 4Page - International Rectifier IRF8910PBF_08 Datasheet HTML 5Page - International Rectifier IRF8910PBF_08 Datasheet HTML 6Page - International Rectifier IRF8910PBF_08 Datasheet HTML 7Page - International Rectifier IRF8910PBF_08 Datasheet HTML 8Page - International Rectifier IRF8910PBF_08 Datasheet HTML 9Page - International Rectifier IRF8910PBF_08 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF8910PbF
10
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.57mH, RG = 25Ω, IAS = 8.2A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/2008
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


Similar Part No. - IRF8910PBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8910PBF-1 IRF-IRF8910PBF-1 Datasheet
256Kb / 10P
   Industry-standard pinout SO-8 Package
IRF8910PBF-1 IRF-IRF8910PBF-1_15 Datasheet
256Kb / 10P
   Industry-standard pinout SO-8 Package
IRF8910PBF IRF-IRF8910PBF_15 Datasheet
290Kb / 10P
   Ultra-Low Gate Impedance
More results

Similar Description - IRF8910PBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
   Game Consoles
logo
Shenzhen Guan Hua Wei Y...
WSD2065DN22 WIINSOK-WSD2065DN22 Datasheet
2Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
WSD3068DN WIINSOK-WSD3068DN Datasheet
1Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com