Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS3116F-8-4S Datasheet(PDF) 5 Page - Amphenol Corporation

Part # MS3116F-8-4S
Description  Amphenol Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3116F-8-4S Datasheet(HTML) 5 Page - Amphenol Corporation

  MS3116F-8-4S Datasheet HTML 1Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 2Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 3Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 4Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 5Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 6Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 7Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 8Page - Amphenol Corporation MS3116F-8-4S Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
3
The accompanying chart is provided to assist the user in selecting
the appropriate type of miniature connector to meet the application
requirements. Further information can be found in specific sections
of this catalog.
RI/FR = Rear Insertion/Front Releasable
o intermates with o
X intermates with X
†† Optional finishes available. See “how to order” sections.
*
Available in hermetic version
**
Dual mounting holes
*** This connector style is sometimes referred to as a cable connecting “plug.”
It does, however, mate with either a straight or 90 degree plug.
Amphenol®/Matrix® MIL-C-26482, Series 2 bayonet coupling connectors with rear insertable and rear releaseable
contacts are covered in another catalog - See pageXX for a brief description and see complete details in catalog 12-071
which is online at www.amphenol-aerospace.com.
CHARACTERISTICS
Solder
Crimp
PT
MS/PT
SP
PC
MS/
PT-SE
PT-SE SP-SE PC-SE PT-CE SP-CE PC-CE
Intermateable†
o
o
o
X
o
o
o
X
o
o
X
Contacts
Solder
••••
Crimp RI/FR
••••••
Contact Retention
System
Non-Removable
••••
Removable
••••••
Coupling
Bayonet
•••
Threaded
••
Standard Finishes††
Olive Drab Cadmium (003)
••
Anodic Coated (005)
••
Bright Cadmium (001)
••
Temperature Range
Resilient Dielectric (–55°C to +125°C)
••••••
Wide Mounting Flange
••
Hermetic Seal
••••
SHELL STYLE AVAILABILITY
Wall Mounting Receptacle “00”
**•
••••
Cable Connecting Receptacle “01” ***
••
••
Box Mounting Receptacle “02”
*•
*•
**•
••••
Straight Plug “06”
••••••
Jam Nut Receptacle “07”
*•
*•
*•
••••••
Thru-bulkhead Receptacle “TB”
••
Solder Mount Receptacle “I”
*•
*•
*•
90° Plug “08”
•••••
Amphenol Miniature Cylindrical
connector selection guide
®


Similar Part No. - MS3116F-8-4S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
More results

Similar Description - MS3116F-8-4S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02H-14-5P AMPHENOL-PT02H-14-5P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-10-6P AMPHENOL-PT02A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-14-12P AMPHENOL-PT02A-14-12P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com