Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQAF34N20 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQAF34N20
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF34N20 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQAF34N20 Datasheet HTML 1Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 2Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 3Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 4Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 5Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 6Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 7Page - Fairchild Semiconductor FQAF34N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
  


 >    #
"A!   >




'


G



 !
"

#$%&G



 '(
 ')
 '*
+$%
$+,%
-
.

%6+E61<6H++<<+*<E<+6;E%I<E%;<?6EHH+E<+6<%J
9+HE<+<669+*<+<16%C616JH6+<6; %6+E61<%H<%J
16%C616J%+66;HE<%9916%6+H<%J9+H+6+H6<+6C<E<+<6K
<6E<+<6*<J%J16<<H<+69%<+6;E+E<+6;EE<+

%6+E61 9+H %+<  %HE+6D< + H< % +66%1 9< 6 16< H99+
<*6< + J< ?6EH E< <L9+< ?+6< %99+*%1  %6+E61 <6H+
6<+%6%1
%M
0 1! ! 
 24  "
2"4 2 4 
    
!   "   " "  A  
  N
' %     
!          "
" A    
!   !

    !
! " #$
 %$%
 #
%! 6
!6

   
 !     
 
9 
9 
  
  ""  
    !>
 !

6 
 9 
       
  !> 
 !
" 
69 
    
" "    
  


Similar Part No. - FQAF34N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF34N20 ISC-FQAF34N20 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQAF34N20L FAIRCHILD-FQAF34N20L Datasheet
658Kb / 8P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQAF34N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com