Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3839MTRPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3839MTRPbF
Description  HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3839MTRPbF Datasheet(HTML) 1 Page - International Rectifier

  IR3839MTRPbF Datasheet HTML 1Page - International Rectifier IR3839MTRPbF Datasheet HTML 2Page - International Rectifier IR3839MTRPbF Datasheet HTML 3Page - International Rectifier IR3839MTRPbF Datasheet HTML 4Page - International Rectifier IR3839MTRPbF Datasheet HTML 5Page - International Rectifier IR3839MTRPbF Datasheet HTML 6Page - International Rectifier IR3839MTRPbF Datasheet HTML 7Page - International Rectifier IR3839MTRPbF Datasheet HTML 8Page - International Rectifier IR3839MTRPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
IR3839MPbF
Rev 1.41
Fig. 1. Typical application diagram
Description
The IR3839 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The onboard PWM controller and MOSFETs
make IR3839 a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3839 is a versatile regulator which offers
programmability of switching frequency and
current limit while operates in wide input and
output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
IR3839 offers margining capability through Vref
pin. During the margining operation, PGood
tracks Vref via feedback to ensure correct status
of the output voltage.
The internal LDO enables the device to operate
from a single supply. This internal LDO can be
bypassed when an external bias voltage is
available.
Features
Greater than 96% Maximum Efficiency
Single 16V Application
Single 5V Application
Wide Output Voltage Range: 0.6V to 0.9*Vin
Continuous 6A Load Capability
Programmable Switching Frequency up to 1.5MHz
Internal Digital Soft-Start
Enable Input with Voltage Monitoring Capability
Hiccup Mode Over Current Protection
Internal LDO
External Synchronization
Enhanced PreBias Start up
External Reference for Margining Purposes
Input for Tracking Applications
Integrated MOSFET Drivers and Bootstrap Diode
Operating Junction Temp: -40oC <Tj<125oC
Thermal Shut Down
Power Good Output with tracking capability
Over Voltage Detection Feature
Pin Compatible with 10A and 14A Versions
Small Size 5mmx6mm PQFN, 0.9 mm Height
Lead-free, Halogen-free and RoHS Compliant
Applications
Netcom and Telecom Applications
Data Center Applications
Distributed Point of Load Power Architectures
HIGHLY INTEGRATED 6A
SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
PD97513


Similar Part No. - IR3839MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3839MTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
   Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com