Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9634PW,112 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9634PW,112
Description  8-bit Fm I2C-bus LED driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9634PW,112 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9634PW,112 Datasheet HTML 1Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 2Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 3Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 4Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 5Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 6Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 7Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 8Page - NXP Semiconductors PCA9634PW,112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PCA9634_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 12 September 2008
3 of 38
NXP Semiconductors
PCA9634
8-bit Fm+ I2C-bus LED driver
3.
Applications
I RGB or RGBA LED drivers
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9634D
PCA9634D
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCA9634PW
PCA9634
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
PCA9634BS
9634
HVQFN20
plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 5
× 5 × 0.85 mm
SOT662-1


Similar Part No. - PCA9634PW,112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9634PW NXP-PCA9634PW Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results

Similar Description - PCA9634PW,112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com