Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP65R190E6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP65R190E6
Description  650V CoolMOS??E6 Power Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP65R190E6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP65R190E6 Datasheet HTML 1Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 2Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 3Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 4Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 5Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 6Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 7Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 8Page - Infineon Technologies AG IPP65R190E6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
drain
pin 2
gate
pin 1
source
pin 3
650V CoolMOS™ E6 Power Transistor
IPA65R190E6, IPB65R190E6
IPI65R190E6, IPP65R190E6
IPW65R190E6
Final Data Sheet
2
Rev. 2.0, 2011-05-13
1
Description
CoolMOS™ is a revolutionary technology for high voltage power
MOSFETs, designed according to the superjunction (SJ) principle
and pioneered by Infineon Technologies. CoolMOS™ E6 series
combines the experience of the leading SJ MOSFET supplier with
high class innovation. The offered devices provide all benefits of a
fast switching SJ MOSFET while not sacrificing ease of use.
Extremely low switching and conduction losses make switching
applications even more efficient, more compact, lighter, and cooler.
Features
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Very high commutation ruggedness
Easy to use/drive
JEDEC
1) qualified, Pb-free plating, Halogen free
Applications
PFC stages, hard switching PWM stages and resonant switching
PWM stages for e.g. PC Silverbox, Adapter, LCD & PDP TV,
Lighting, Server, Telecom and UPS.
Please note: For MOSFET paralleling the use of ferrite beads on
the gate or separate totem poles is generally recommended.
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
V
DS @ Tj,max
700
V
R
DS(on),max
0.19
Q
g,typ
73
nC
I
D,pulse
66
A
E
oss @ 400V
5.9
µJ
Body diode d
i/dt
500
A/µs
Type / Ordering Code
Package
Marking
Related Links
IPW65R190E6
PG-TO247
IFX CoolMOS Webpage
IPB65R190E6
PG-TO263
IFX Design tools
IPI65R190E6
PG-TO262
65E6190
IPP65R190E6
PG-TO220
IPA65R190E6
PG-TO220 FullPAK


Similar Part No. - IPP65R190E6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP65R190E6 ISC-IPP65R190E6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP65R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R280E6 INFINEON-IPB65R280E6 Datasheet
1Mb / 19P
   650V CoolMOS E6 Power Transistor
2010-04-26 revision:2.0
IPA65R380E6 INFINEON-IPA65R380E6 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-01-02 revision:2.0
IPA65R600E6 INFINEON-IPA65R600E6 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-07-15 revision:2.0
IPA65R280E6_1008 INFINEON-IPA65R280E6_1008 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-08-16 revision:2.1
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R380E6 INFINEON-IPP60R380E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com