Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB65R190E6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPB65R190E6
Description  650V CoolMOS??E6 Power Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R190E6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPB65R190E6 Datasheet HTML 7Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 8Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 9Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 10Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 11Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 12Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 13Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 14Page - Infineon Technologies AG IPB65R190E6 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
650V CoolMOS™ E6 Power Transistor
IPx65R190E6
Electrical characteristics diagrams
Final Data Sheet
11
Rev. 2.0, 2011-05-13
Table 16
Typ. transfer characteristics
Typ. gate charge
I
D=f(VGS); VDS=20V
V
GS=f(Qgate), ID=11 A pulsed
Table 17
Avalanche energy
Drain-source breakdown voltage
E
AS=f(Tj); ID=3.5 A; VDD=50 V
V
BR(DSS)=f(Tj); ID=1.0 mA


Similar Part No. - IPB65R190E6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB65R190E6 ISC-IPB65R190E6 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB65R190E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R280E6 INFINEON-IPB65R280E6 Datasheet
1Mb / 19P
   650V CoolMOS E6 Power Transistor
2010-04-26 revision:2.0
IPA65R380E6 INFINEON-IPA65R380E6 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-01-02 revision:2.0
IPA65R600E6 INFINEON-IPA65R600E6 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-07-15 revision:2.0
IPA65R280E6_1008 INFINEON-IPA65R280E6_1008 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-08-16 revision:2.1
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R380E6 INFINEON-IPP60R380E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com