Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL817MB Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # EL817MB
Description  4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL817MB Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button EL817MB Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 12Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 13Page - Everlight Electronics Co., Ltd EL817MB Datasheet HTML 14Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATASHEET
4PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817 series
11
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 21, 2013. Issue No: DPC-0000046 Rev.13
www.everlight.com
Tape & Reel Packing Specifications
Tape dimensions
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension (mm)
10.5±0.1
4.65±0.1
1.55±0.1
1.50±0.1
1.75±0.1
7.5±0.1
Dimension (mm)
S2
12.15±0.1
4.65±0.1
1.55±0.1
1.50±0.1
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension (mm)
4.0±0.1
12.0±0.1
2.0±0.1
0.35±0.1
16.0±0.3
4.75±0.1
Dimension (mm)
S2
4.0±0.1
16.0±0.1
2.0±0.1
0.35±0.1
16.0±0.3
3.90±0.1
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel


Similar Part No. - EL817MB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL817M EVERLIGHT-EL817M Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
EL817M EVERLIGHT-EL817M Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
EL817M EVERLIGHT-EL817M Datasheet
377Kb / 12P
   Photocoupler-RoHS Compliant
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL817MB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816MY EVERLIGHT-EL816MY Datasheet
1,018Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_16 Datasheet
857Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL617-G EVERLIGHT-EL617-G Datasheet
820Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817 EVERLIGHT-EL817_16 Datasheet
854Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Taiwan Semiconductor Co...
TPC816 TSC-TPC816 Datasheet
489Kb / 10P
   200mW, 4 PIN DIP Phototransistor Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com