Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24-21SURC-S530-A3-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 24-21SURC-S530-A3-TR8
Description  Reverse Package Chip LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

24-21SURC-S530-A3-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  24-21SURC-S530-A3-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 24-21SURC-S530-A3-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 9
Device No:SZDSE-241-
Prepared date: 7-Apr-2009
Prepared by: Huang yongxin
Technical Data Sheet
Reverse Package Chip LED
24-21SURC/S530-A3/TR8
Features
Package in 8mm tape on 7〞diameter reel.
Compatible with automatic placement equipment.
Compatible with infrared and vapor phase reflow
solder process.
Mono-color type.
Pb-free
The product itself will remain within RoHS complaint version
Descriptions
The 24-21 SMD Taping is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
Backlighting in dashboard and switch.
Telecommunication: indicator and backlighting in
telephone and fax.
Flat backlight for LCD, switch and symbol.
General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
24-21SURC/S530-A3/TR8
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 24-21SURC-S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
24-21SURC EVERLIGHT-24-21SURC Datasheet
156Kb / 9P
   Chip LED
24-21SURC/S530-XX/TR8 EVERLIGHT-24-21SURC/S530-XX/TR8 Datasheet
156Kb / 9P
   Chip LED
More results

Similar Description - 24-21SURC-S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-G6C-AL2N1-2T EVERLIGHT-23-21-G6C-AL2N1-2T Datasheet
227Kb / 10P
   Reverse Package Chip LED
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A Datasheet
234Kb / 10P
   Reverse Package Chip LED
24-21-GHC-YR2T1-2A EVERLIGHT-24-21-GHC-YR2T1-2A Datasheet
161Kb / 10P
   Reverse Package Chip LED
24-21SYGC EVERLIGHT-24-21SYGC Datasheet
159Kb / 9P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
23-215A-BHC-DN2P2E-5A TO-GRACE-23-215A-BHC-DN2P2E-5A Datasheet
754Kb / 11P
   Reverse Package Chip LED
logo
Everlight Electronics C...
23-21-R6C-AM1N2AY-2A EVERLIGHT-23-21-R6C-AM1N2AY-2A_11 Datasheet
240Kb / 10P
   Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A Datasheet
181Kb / 12P
   Reverse Package Chip LED
23-21-BHC-AN1P2 EVERLIGHT-23-21-BHC-AN1P2 Datasheet
137Kb / 10P
   Reverse Package Chip LED
23-21-GHC-YR2T1 EVERLIGHT-23-21-GHC-YR2T1 Datasheet
151Kb / 10P
   Reverse Package Chip LED
23-215A-BHC-DN2P2E-5A EVERLIGHT-23-215A-BHC-DN2P2E-5A Datasheet
180Kb / 11P
   Reverse Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com