Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQAF14N30 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQAF14N30
Description  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF14N30 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQAF14N30 Datasheet HTML 1Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 2Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 3Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 4Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 5Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 6Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 7Page - Fairchild Semiconductor FQAF14N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)**#+,-./.Ω, 0 
,-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


  





C+
 C>+ 
+-*+5-.6*µ(
)**


+
∆C+
$∆
C>+ 
 
5-.6*µ(, .67

* )'

+$7
5
D;+ 
+-)**++-*+


&
µ(
+-.'*+-&.67


&*
µ(
5
;C1>
+-)*++-*+


&**
(
5
;C1>,!
+-)*++-*+


&**
(
 
+
; + 
+-+5-.6*µ(
) *

6 *
+
,
  
, 
+-&*+5-6 8(

* .)
* ./

   
+-6*+5-6 8(

B )


 

5  
+-.6++-*+
-& *E#


&*6*
&):*


  

.**
.:*


,!  

.)
)*

   

 
+-&6*+5-&' '(
,-.6Ω


..
66


,

&'6
)**


 

'6
&**


 

8*
&6*

F
 ;
+-.'*+5-&' '(
+-&*+


)*
'*

F
; 

8 6


F
;

&)


     
5
A 


&& '
(
5
A9  


'6 :
(
+
 + 
+-*+5-&& '(


& 6
+

,!, !
+-*+5-&' '(
5$-&**($µ

.**


F
,!, !

& 6

µ


Similar Part No. - FQAF14N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF14N30 ISC-FQAF14N30 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQAF14N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com