Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WD-30-B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WD-30-B
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD-30-B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WD-30-B Datasheet HTML 5Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 6Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 7Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 8Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 9Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 10Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 11Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 12Page - List of Unclassifed Manufacturers WD-30-B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
9
SPECIALTY PLIERS
SLIP JOINT SIDE CUT PLIERS
For heavy-duty use. Polished head, red plastic handles
and flush bolt. Machined gripping teeth and 3/8” hardened
wire cutter.
FLUSH CUT PLIERS
A close cutting plier used to trim conductors from the 710
connector modules without leaving exposed conductors.
Ideal for close trimming of gates and sprue on injection
molded plastic parts. Jaw design aids in use in confined areas.
Turquoise color handle. Plier made from chrome vanadium
steel.
BCOMB
PLS-5
JIC-453
HEAT COIL PLIERS
Designed for installing and extracting heat coils, fuses from
line amplifiers and other cylindrical shaped components. The
thin nosed jaw allows easy access to tight restricted areas.
Yellow plastic handle.
JIC-750
3/ 4” COAX CABLE CUTTER
Also known as a Banana Cutter, this cutter is designed to cut
3/ 4” coaxial cable. Tool cuts cleanly without compressed or
frayed ends. Functions like a tube cutter – eliminates cable
distortion during cable prep. NOT designed to cut steel cable.
Yellow plastic handles.
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-453
4 1/2”
5/8”
7/16”
1/4”
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
PLS-5
5”
1 13/16”
1/2”
5/16”
JONARD
LENGTH
JAW
JAW
PART NO.
LENGTH
WIDTH
JIC-750
8 3/4”
1 1/4”
5/8””
JONARD
LENGTH
JAW
JAW
JAW
CUTTER
PART NO.
LENGTH
WIDTH
THICKNESS
LENGTH
BCOMB
7 5/8”
1 3/4”
1 1/4”
3/8”
3/8”


Similar Part No. - WD-30-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD-C1602Q-6YLYC ETC-WD-C1602Q-6YLYC Datasheet
889Kb / 24P
   SPECIFICATION FOR LCD MODULE
logo
Bridgetek Pte Ltd.
WD-PD65AC BRIDGETEK-WD-PD65AC Datasheet
2Mb / 29P
   Intelligent Display Module 7 inch for LDSBus/DMX controller
Version 1.0
More results

Similar Description - WD-30-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
RFM219SW ETC2-RFM219SW Datasheet
909Kb / 35P
   Wireless Alarm and Security Systems
logo
Texas Instruments
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
[Old version datasheet]   Wireless alarm and security systems, Industrial monitoring and control
logo
RFHIC
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
   Low Noise Amplifier for CATV, Satellite
ACQ102 RFHIC-ACQ102 Datasheet
576Kb / 5P
   Low Noise Amplifier for CATV, Satellite
AE312 RFHIC-AE312_14 Datasheet
606Kb / 6P
   Low Noise Amplifier for CATV, Satellite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com