Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2F43A1018AT Datasheet(PDF) 1 Page - AVX Corporation

Part # W2F43A1018AT
Description  EMI Filtering, Broadband Filtering, LCD Filtering
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W2F43A1018AT Datasheet(HTML) 1 Page - AVX Corporation

  W2F43A1018AT Datasheet HTML 1Page - AVX Corporation W2F43A1018AT Datasheet HTML 2Page - AVX Corporation W2F43A1018AT Datasheet HTML 3Page - AVX Corporation W2F43A1018AT Datasheet HTML 4Page - AVX Corporation W2F43A1018AT Datasheet HTML 5Page - AVX Corporation W2F43A1018AT Datasheet HTML 6Page - AVX Corporation W2F43A1018AT Datasheet HTML 7Page - AVX Corporation W2F43A1018AT Datasheet HTML 8Page - AVX Corporation W2F43A1018AT Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Part Number
Roll Off Frequency
Center Frequency
10 db Point
20 db Range
W3F41A2208AT
270 MHz
2640 MHz
970 MHz
1780 MHz
3500 MHz
W3F41A4708AT
65 MHz
2000 MHz
185 MHz
600 MHz
3400 MHz
W3F41A1018AT
65 MHz
2030 MHz
185 MHz
560 MHz
3500 MHz
W3F45C2218AT
35 MHz
1885 MHz
120 MHz
470 MHz
3300 MHz
W3F45C4718AT
20 MHz
1860 MHz
60 MHz
220 MHz
3500 MHz
W2F43A2208AT
208 MHz
4750 MHz
616 MHz
1407 MHz
7300 MHz
W2F43A4708AT
110 MHz
2750 MHz
330 MHz
900 MHz
4600 MHz
W2F43A1018AT
60 MHz
1300 MHz
179 MHz
501 MHz
7200 MHz
9
Feedthru Filters – W2F4/W3F4 Series
EMI Filtering, Broadband Filtering, LCD Filtering
GENERAL DESCRIPTION
Available in a 4-Element 0508 and 0612 Feedthru Array package, AVX’s
line of Feedthrus is an ideal choice for EMI suppression, broadband I/O
filtering, LCD filtering and Vcc power line conditioning. The unique con-
struction of the Feedthru capacitor provides low parallel inductance and
offers excellent decoupling capability for all high di/dt environments and
provides significant noise reduction in digital circuits up to 5 GHz. A
range of filtering characteristics is available. The Feedthru Array contains
four elements with a common ground connection, making it an ideal
choice for multi-line designs. Additional benefits of the multi-element
array package are reduced placement costs, reduced component
counts and PCB space savings. Feedthru filters can be used to meet
IEC, MIL-STD-461E, FCC, and SAE radiated and conducted emission
requirements.
FREQUENCY CHARACTERISTICS
W3F4 Series
0612
Part Number
Case Size
Current Rating
DC Resistance
Voltage Rating
W3F41A2208AT
W3F41A4708AT
0612
300 mA
< 0.6_
100 V
W3F41A1018AT
W3F45C2218AT
0612
300 mA
< 0.6_
50 V
W3F45C4718AT
W2F43A2208AT
W2F43A4708AT
0508
50 mA
< 3.0_
25 V
W2F43A1018AT
Part Number
Typical Capacitance
Insulation Resistance
Temperature Characteristics
W3F41A2208AT
22pF
> 1000 M_
NP0
W3F41A4708AT
47pF
> 1000 M_
NP0
W3F41A1018AT
100pF
> 1000 M_
NP0
W3F45C2218AT
220pF
> 1000 M_
X7R
W3F45C4718AT
470pF
> 1000 M_
X7R
W2F43A2208AT
22pF
> 1000 M_
NP0
W2F43A4708AT
47pF
> 1000 M_
NP0
W2F43A1018AT
100pF
> 1000 M_
NP0
CAPACITOR VALUES & PERFORMANCE CHARACTERISTICS
CASE SIZE & VOLTAGE RATINGS


Similar Part No. - W2F43A1018AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F43A1018AT AVX-W2F43A1018AT Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
More results

Similar Description - W2F43A1018AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF1015UDF12 KEC-PF1015UDF12 Datasheet
38Kb / 2P
   ESD/EMI Filtering
PF0224US6 KEC-PF0224US6 Datasheet
50Kb / 2P
   EMI Filtering TVS
PF1015UDF12B KEC-PF1015UDF12B Datasheet
36Kb / 2P
   ESD/EMI Filtering
PV1015UDF12B KEC-PV1015UDF12B Datasheet
38Kb / 2P
   ESD/EMI Filtering
PF0165UDF8 KEC-PF0165UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF0247TE6 KEC-PF0247TE6 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF0314US6 KEC-PF0314US6 Datasheet
39Kb / 2P
   EMI Filtering TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com