Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V202 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM28V202
Description  2Mbit (128Kx16)F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V202 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM28V202 Datasheet HTML 1Page - Cypress Semiconductor FM28V202 Datasheet HTML 2Page - Cypress Semiconductor FM28V202 Datasheet HTML 3Page - Cypress Semiconductor FM28V202 Datasheet HTML 4Page - Cypress Semiconductor FM28V202 Datasheet HTML 5Page - Cypress Semiconductor FM28V202 Datasheet HTML 6Page - Cypress Semiconductor FM28V202 Datasheet HTML 7Page - Cypress Semiconductor FM28V202 Datasheet HTML 8Page - Cypress Semiconductor FM28V202 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary
This is a product in the pre-production phase of development. Device characterization is complete and Ramtron does not expect to
change the specifications. Ramtron will issue a Product Change Notice if any specification changes are made.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-86602 Rev. **
Revised March 12, 2013
FM28V202
2Mbit (128K×16)F-RAM Memory
FEATURES
2Mbit Ferroelectric Nonvolatile RAM
Organized as 128Kx16
Configurable as 256Kx8 Using /UB, /LB
10
14 Read/Write Cycles
NoDelay™ Writes
Page Mode Operation to 33MHz
Advanced High-Reliability Ferroelectric Process
SRAM Compatible
Industry Std. 128Kx16 SRAM Pinout
60 ns Access Time, 90 ns Cycle Time
Advanced Features
Software Programmable Block Write Protect
Superior to Battery-backed SRAM Modules
No Battery Concerns
Monolithic Reliability
True Surface Mount Solution, No Rework Steps
Superior for Moisture, Shock, and Vibration
Low Power Operation
2.0V – 3.6V Power Supply
Standby Current 120 A (typ)
Active Current 7 mA (typ)
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
44-pin “Green”/RoHS TSOP-II package
DESCRIPTION
The FM28V202 is a 128Kx16 nonvolatile memory
that reads and writes like a standard SRAM. A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and high write endurance make the
F-RAM superior to other types of memory.
In-system operation of the FM28V202 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The F-RAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM28V202 ideal
for
nonvolatile
memory
applications
requiring
frequent or rapid writes in the form of an SRAM.
The device is available in a 400 mil 44-pin TSOP-II
surface mount package. Device specifications are
guaranteed over industrial temperature range –40°C
to +85°C.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
/ZZ
OE
A7
A6
A5
VSS
DQ12
DQ11
DQ8
DQ9
DQ10
LB
A8
A9
A10
A11
VDD
UB
DQ13
DQ14
DQ15
A4
A3
A2
A1
A0
A12
A13
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
WE
VDD
A14
A15
A16
CE


Similar Part No. - FM28V202

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TG CYPRESS-FM28V202A-TG Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TGTR CYPRESS-FM28V202A-TGTR Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
More results

Similar Description - FM28V202

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com