Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V102 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM28V102
Description  1Mbit (64Kx16)F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V102 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM28V102 Datasheet HTML 5Page - Cypress Semiconductor FM28V102 Datasheet HTML 6Page - Cypress Semiconductor FM28V102 Datasheet HTML 7Page - Cypress Semiconductor FM28V102 Datasheet HTML 8Page - Cypress Semiconductor FM28V102 Datasheet HTML 9Page - Cypress Semiconductor FM28V102 Datasheet HTML 10Page - Cypress Semiconductor FM28V102 Datasheet HTML 11Page - Cypress Semiconductor FM28V102 Datasheet HTML 12Page - Cypress Semiconductor FM28V102 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FM28V102 - 64Kx16 F-RAM
Document Number: 001-86601 Rev. **
Page 9 of 16
Read Cycle AC Parameters (TA = -40 C to + 85 C, unless otherwise specified)
VDD 2.0 to 2.7V
VDD 2.7 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tRC
Read Cycle Time
105
-
90
-
ns
tCE
Chip Enable Access Time
-
70
-
60
ns
tAA
Address Access Time
-
105
-
90
ns
tOH
Output Hold Time
20
-
20
-
ns
tAAP
Page Mode Address Access Time
-
40
-
30
ns
tOHP
Page Mode Output Hold Time
3
-
3
-
ns
tCA
Chip Enable Active Time
70
-
60
-
ns
tPC
Precharge Time
35
-
30
-
ns
tBA
/UB, /LB Access Time
-
25
-
15
ns
tAS
Address Setup Time (to /CE low)
0
-
0
-
ns
tAH
Address Hold Time (/CE-controlled)
70
-
60
-
ns
tOE
Output Enable Access Time
-
25
-
15
ns
tHZ
Chip Enable to Output High-Z
-
15
-
10
ns
1
tOHZ
Output Enable High to Output High-Z
-
15
-
10
ns
1
tBHZ
/UB, /LB High to Output High-Z
-
15
-
10
ns
1
Write Cycle AC Parameters (TA = -40 C to + 85 C, unless otherwise specified)
VDD 2.0 to 2.7V
VDD 2.7 to 3.6V
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
tWC
Write Cycle Time
105
-
90
-
ns
tCA
Chip Enable Active Time
70
-
60
-
ns
tCW
Chip Enable to Write Enable High
70
-
60
-
ns
tPC
Precharge Time
35
-
30
-
ns
tPWC
Page Mode Write Enable Cycle Time
40
-
30
-
ns
tWP
Write Enable Pulse Width
22
-
18
-
ns
tWP2
/UB, /LB Pulse Width
22
-
18
-
ns
tWP3
/WE Low to /UB, /LB High
22
-
18
-
ns
tAS
Address Setup Time (to /CE low)
0
-
0
-
ns
tAH
Address Hold Time (/CE-controlled)
70
-
60
-
ns
tASP
Page Mode Address Setup Time (to /WE low)
8
-
5
-
ns
tAHP
Page Mode Address Hold Time (to /WE low)
20
-
15
-
ns
tWLC
Write Enable Low to Chip Disabled
30
-
25
-
ns
tBLC
/UB, /LB Low to Chip Disabled
30
-
25
ns
tWLA
Write Enable Low to A(15:2) Change
30
-
25
-
ns
tAWH
A(15:2) Change to Write Enable High
105
-
90
-
ns
tDS
Data Input Setup Time
20
-
15
-
ns
tDH
Data Input Hold Time
0
-
0
-
ns
tWZ
Write Enable Low to Output High Z
-
10
-
10
ns
1
tWX
Write Enable High to Output Driven
8
-
5
-
ns
1
tBDS
Byte Disable Setup Time (to /WE low)
8
-
5
-
ns
tBDH
Byte Disable Hold Time (to /WE high)
8
-
5
-
ns
Notes
1.
This parameter is characterized but not 100% tested.
Capacitance (TA = 25 C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
CIN
Input Capacitance
-
6
pF
CZZ
Input Capacitance of /ZZ pin
-
8
pF


Similar Part No. - FM28V102

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
FM28V102A-TG CYPRESS-FM28V102A-TG Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
FM28V102A-TGTR CYPRESS-FM28V102A-TGTR Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
More results

Similar Description - FM28V102

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com