Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V020-SGTR Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM28V020-SGTR
Description  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-SGTR Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM28V020-SGTR Datasheet HTML 1Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 2Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 3Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 4Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 5Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 6Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 7Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 8Page - Cypress Semiconductor FM28V020-SGTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This product conforms to specifications per the terms of the Ramtron standard warranty.
The product has completed Ramtron’s
internal qualification testing and has reached production status.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-86204 Rev. *A
Revised March 07, 2013
FM28V020
256Kbit Bytewide F-RAM Memory
Features
256Kbit Ferroelectric Nonvolatile RAM
Organized as 32K x 8
10
14 Read/Write Cycles
NoDelay™ Writes
Page Mode Operation
Advanced High-Reliability Ferroelectric Process
Superior to Battery-backed SRAM Modules
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
Resistant to negative voltage undershoots
SRAM Replacement
JEDEC 32Kx8 SRAM pinout
70 ns Access Time, 140 ns Cycle Time
Low Power Operation
2.0V – 3.6V Power Supply
Standby Current 90 A (typ)
Active Current 5 mA (typ)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
28-pin “Green”/RoHS SOIC (-SG)
28-pin “Green”/RoHS TSOP (-T28G)
32-pin “Green”/RoHS TSOP (-TG)
General Description
The FM28V020 is a 32K x 8 nonvolatile memory that
reads and writes like a standard SRAM. A ferroelectric
random access memory or F-RAM is nonvolatile,
which means that data is retained after power is
removed. It provides data retention for over 10 years
while eliminating the reliability concerns, functional
disadvantages, and system design complexities of
battery-backed SRAM (BBSRAM). Fast write timing
and virtually unlimited write endurance make F-RAM
superior to other types of memory.
In-system operation of the FM28V020 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by changing
the address. The F-RAM memory is nonvolatile due to
its
unique
ferroelectric
memory process.
These
features make the FM28V020 ideal for nonvolatile
memory applications requiring frequent or rapid writes
in the form of an SRAM.
The device is available in a 28-pin SOIC, 28-pin
TSOP-I, or 32-pin TSOP-I surface mount package.
Device
specifications
are
guaranteed
over
the
industrial temperature range -40°C to +85°C.
Ordering Information
FM28V020-SG
28-pin “Green”/RoHS SOIC
FM28V020-SGTR
28-pin “Green”/RoHS SOIC, Tape & Reel
FM28V020-T28G
28-pin “Green”/RoHS TSOP
FM28V020-T28GTR
28-pin “Green”/RoHS TSOP, Tape & Reel
FM28V020-TG
32-pin “Green”/RoHS TSOP
FM28V020-TGTR
32-pin “Green”/RoHS TSOP, Tape & Reel


Similar Part No. - FM28V020-SGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-SGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com