Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25C160B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FM25C160B
Description  16Kb Serial 5V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25C160B Datasheet(HTML) 4 Page - Cypress Semiconductor

  FM25C160B_13 Datasheet HTML 1Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 2Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 3Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 4Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 5Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 6Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 7Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 8Page - Cypress Semiconductor FM25C160B_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25C160B - 16Kb 5V SPI F-RAM
Document Number: 001-84472 Rev. *A
Page 4 of 14
FM25C160B
MOSI: Master Out, Slave In
MISO: Master In, Slave Out
SS: Slave Select
SO SI SCK
CS
HOLD
FM25C160B
SO SI SCK
CS
HOLD
SPI
Microcontroller
SS1
SS2
HOLD1
HOLD2
MISO
MOSI
SCK
Figure 2. System Configuration with SPI port
Microcontroller
FM25C160B
SO SI SCK
CS
HOLD
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Similar Part No. - FM25C160B_13

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160B-G RAMTRON-FM25C160B-G Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-G CYPRESS-FM25C160B-G Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25C160B-GA CYPRESS-FM25C160B-GA Datasheet
720Kb / 20P
   16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
logo
Ramtron International C...
FM25C160B-GTR RAMTRON-FM25C160B-GTR Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-GTR CYPRESS-FM25C160B-GTR Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25C160B_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com