Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR760 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MR760
Description  HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MR760 Datasheet(HTML) 5 Page - Motorola, Inc

  MR760 Datasheet HTML 1Page - Motorola, Inc MR760 Datasheet HTML 2Page - Motorola, Inc MR760 Datasheet HTML 3Page - Motorola, Inc MR760 Datasheet HTML 4Page - Motorola, Inc MR760 Datasheet HTML 5Page - Motorola, Inc MR760 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MR750 MR751 MR752 MR754 MR756 MR758 MR760
5
Rectifier Device Data
PACKAGE DIMENSIONS
CASE 194–04
ISSUE F
NOTES:
1. CATHODE SYMBOL ON PACKAGE.
STYLE 1:
PIN 1. CATHODE
2. ANODE
A
K
B
K
2
1
D
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.43
8.69
0.332
0.342
B
5.94
6.25
0.234
0.246
D
1.27
1.35
0.050
0.053
E
25.15
25.65
0.990
1.010


Similar Part No. - MR760

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR760 ONSEMI-MR760 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
SUNMATE electronic Co.,...
MR760 SUNMATE-MR760 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Shanghai Shunye Electro...
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
   AUTONOTIVE OPEN JUNCTION BUTTON DIODE
logo
New Jersey Semi-Conduct...
MR760 NJSEMI-MR760 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
logo
EIC discrete Semiconduc...
MR760 EIC-MR760 Datasheet
108Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - MR760

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5391 NJSEMI-1N5391 Datasheet
117Kb / 1P
   LEAD-MOUNTED SILICON RECTIFIERS ( 50-1000 VOLTS DIFFUSED JUNCTION )
logo
Weitron Technology
1N5400 WEITRON-1N5400 Datasheet
350Kb / 3P
   Axial Lead Silicon Rectifiers SILICON RECTIFIERS 3.0 AMPERES 50-1000 VOLTS
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
New Jersey Semi-Conduct...
MR750 NJSEMI-MR750 Datasheet
89Kb / 1P
   High Current Lead Mounted Rectifiers
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Pan Jit International I...
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP15A MCC-GP15A Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com