Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC212A8G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC212A8G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC212A8G Datasheet(HTML) 1 Page - ON Semiconductor

  MAC212A8G Datasheet HTML 1Page - ON Semiconductor MAC212A8G Datasheet HTML 2Page - ON Semiconductor MAC212A8G Datasheet HTML 3Page - ON Semiconductor MAC212A8G Datasheet HTML 4Page - ON Semiconductor MAC212A8G Datasheet HTML 5Page - ON Semiconductor MAC212A8G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 2
1
Publication Order Number:
MAC212A8/D
MAC212A8, MAC212A10
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
light dimmers, motor controls, heating controls and power supplies; or
wherever full-wave silicon gate controlled solid-state devices are
needed. Triac type thyristors switch from a blocking to a conducting
state for either polarity of applied anode voltage with positive or
negative gate triggering.
Features
Blocking Voltage to 800 Volts
All Diffused and Glass Passivated Junctions for Greater Parameter
Uniformity and Stability
Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Gate Triggering Guaranteed in Four Modes
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to +125°C, Sine Wave 50 to 60 Hz,
Gate Open)
MAC212A8
MAC212A10
VDRM,
VRRM
600
800
V
On-State RMS Current (TC = +85°C)
Full Cycle Sine Wave 50 to 60 Hz
IT(RMS)
12
A
Peak Non−repetitive Surge Current (One
Full Cycle Sine Wave, 60 Hz, TC = +25°C)
Preceded and followed by rated current
ITSM
100
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
40
A2s
Peak Gate Power
(TC = +85°C, Pulse Width = 10 ms)
PGM
20
W
Average Gate Power
(TC = +85°C, t = 8.3 ms)
PG(AV)
0.35
W
Peak Gate Current
(TC = +85°C, Pulse Width = 10 ms)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
12 AMPERES RMS
600 thru 800 VOLTS
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
TO−220AB
CASE 221A−07
STYLE 4
1
MAC212AxG
AYWW
MARKING
DIAGRAM
x
= 8 or 10
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Device
Package
Shipping
ORDERING INFORMATION
MAC212A8D
TO−220AB
500 Units / Box
MAC212A8DG
TO−220AB
(Pb−Free)
500 Units / Box
MAC212A10
TO−220AB
500 Units / Box
MAC212A10G
TO−220AB
(Pb−Free)
500 Units / Box


Similar Part No. - MAC212A8G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC212A8 MOTOROLA-MAC212A8 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
ON Semiconductor
MAC212A8 ONSEMI-MAC212A8 Datasheet
62Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC212A8 NJSEMI-MAC212A8 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
ON Semiconductor
MAC212A8D ONSEMI-MAC212A8D Datasheet
62Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 2
MAC212A8DG ONSEMI-MAC212A8DG Datasheet
62Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 2
More results

Similar Description - MAC212A8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com