Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1334IG-PBF Datasheet(PDF) 11 Page - Linear Dimensions Semiconductor

Part # LTC1334IG-PBF
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC1334IG-PBF Datasheet(HTML) 11 Page - Linear Dimensions Semiconductor

Back Button LTC1334IG-PBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 9Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 10Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 11Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 12Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 13Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 14Page - Linear Dimensions Semiconductor LTC1334IG-PBF Datasheet HTML 15Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1334
S
APPLICATI
I FOR ATIO
Basic Theory of Operation
The LTC1334 has two interface ports. Each port may be
configured as a pair of single-ended RS232 transceivers
or as a differential RS485 transceiver by forcing the
port’s selection input to a low or high, respectively. The
LTC1334 provides two RS232 drivers and two RS232
receivers or one RS485 driver and one RS485 receiver
per port. All the interface drivers feature three-state
outputs. Interface outputs are forced into high imped-
ance when the driver is disabled, in the shutdown mode
or with the power off.
All the interface driver outputs are fault-protected by a
current limiting and thermal shutdown circuit. The ther-
mal shutdown circuit disables both the RS232 and RS485
driver outputs when the die temperature reaches 150
°C.
The thermal shutdown circuit reenables the drivers when
the die temperature cools to 130
°C.
In RS485 mode, shutdown mode or with the power off, the
input resistance of the receiver is 24k. The input resistance
drops to 5k in RS232 mode.
A logic low at the ON/OFF pin shuts down the device and
forces all the outputs into a high impedance state. A logic
high enables the device. An internal 4
µA current source to
VCC pulls the ON/OFF pin high if it is left open.
Figure 11. RS232/RS485 Interfaces
1
28
VCC
5V
LTC1334 • F11
120
12
21
LTC1334
RX OUT
18
5V
13
10
11
9
8
14
17
16
RS485 I/O
RS232 DR OUT
19
5V
20
15
VEE
5V
≥ ±5V INTO
3k
Ω LOAD
5
4
27
26
24
RX OUT
6
RS232 RX IN
23
2
3
RX OUT
7
DR IN
DR ENABLE
DR IN
DR IN
22
RS232 DR OUT
RS232 RX IN
VDD
C1
C2
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
In RS485 mode, an internal 4
µA current source pulls the
driver enable pin high if left open. The RS485 receiver has
a 4
µA current source at the noninverting input. If both the
RS485 receiver inputs are open, the output goes to a high
state. Both the current sources are disabled in the RS232
mode. The receiver output B is inactive in RS485 mode
and has a 50k pull-up resistor to provide a known output
state in this mode.
A loopback mode enables internal connections from driver
outputs to receiver inputs for self-test when the LB pin has
a low logic state. The driver outputs are not isolated from
the external loads. This allows transmitter verification
under the loaded condition. An internal 4
µAcurrentsource
pulls the LB pin high if left open and disables the loopback
configuration.
RS232/RS485 Applications
The LTC1334 can support both RS232 and RS485 levels
with a single 5V supply as shown in Figure 11.
Multiprotocol Applications
The LTC1334 is well-suited for software controlled inter-
face mode selection. Each port has a selection pin as
shown in Figure 12. The single-ended transceivers sup-
port both RS232 and EIA562 levels. The differential trans-
ceivers support both RS485 and RS422.


Similar Part No. - LTC1334IG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334IG LINER-LTC1334IG Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334IG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com