Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3035-BZXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYUSB3035-BZXI
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035-BZXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYUSB3035-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 9Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 10Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 11Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 12Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 13Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 10 of 50
Boot Options
FX3S can load boot images from various sources, selected by
the configuration of the PMODE pins. Following are the FX3S
boot options:
Boot from USB
Boot from I2C
Boot from SPI (SPI devices supported are M25P16 (16 Mbit),
M25P80 (8 Mbit), and M25P40 (4 Mbit)) or their equivalents
Boot from eMMC (S0-port)
Boot from GPIF II ASync ADMux mode
Boot from GPIF II Sync ADMux mode
Boot from GPIF II ASync SRAM mode
Boot from PMMC (P-Port)
Reset
Hard Reset
A hard reset is initiated by asserting the Reset# pin on FX3S. The
specific reset sequence and timing requirements are detailed in
Figure 31 on page 46 and Table 19 on page 45. All I/Os are
tristated during a hard reset.
Soft Reset
In a soft reset, the processor sets the appropriate bits in the
PP_INIT control register. There are two types of Soft Reset:
CPU Reset – The CPU Program Counter is reset. Firmware
does not need to be reloaded following a CPU Reset.
Whole Device Reset – This reset is identical to Hard Reset.
The firmware must be reloaded following a Whole Device
Reset.
Clocking
FX3S allows either a crystal to be connected between the
XTALIN and XTALOUT pins or an external clock to be connected
at the CLKIN pin. The XTALIN, XTALOUT, CLKIN, and
CLKIN_32 pins can be left unconnected if they are not used.
Crystal frequency supported is 19.2 MHz, while the external
clock frequencies supported are 19.2, 26, 38.4, and 52 MHz.
FX3S has an on-chip oscillator circuit that uses an external
19.2-MHz (±100 ppm) crystal (when the crystal option is used).
An appropriate load capacitance is required with a crystal. Refer
to the specification of the crystal used to determine the appro-
priate load capacitance. The FSLC[2:0] pins must be configured
appropriately to select the crystal- or clock-frequency option. The
configuration options are shown in Table 3.
Clock inputs to FX3S must meet the phase noise and jitter
requirements specified in Table 4 on page 11.
The input clock frequency is independent of the clock and data
rate of the FX3S core or any of the device interfaces (including
P-Port and S-Port). The internal PLL applies the appropriate
clock multiply option depending on the input frequency.
Table 2. FX3S Booting Options
PMODE[2:0] [2]
Boot From
F00
Sync ADMux (16-bit)
F01
Async ADMux (16-bit)
F10
PMMC Legacy
F11
USB boot
F0F
Async SRAM (16-bit)
F1F
I2C, On Failure, USB Boot is Enabled
1FF
I2C only
0F1
SPI, On Failure, USB Boot is Enabled
000
S0-Port (eMMC) On failure, USB boot
is enabled
100
S0-port (eMMC)
Note
2. F indicates Floating.
Table 3. Crystal/Clock Frequency Selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/Clock
Frequency
0
0
0
19.2-MHz crystal
1
0
0
19.2-MHz input CLK
1
0
1
26-MHz input CLK
1
1
0
38.4-MHz input CLK
1
1
1
52-MHz input CLK


Similar Part No. - CYUSB3035-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3035-BZXI CYPRESS-CYUSB3035-BZXI Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
More results

Similar Description - CYUSB3035-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com