Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3014-BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYUSB3014-BZXC
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014-BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYUSB3014-BZXC Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014-BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 8 of 45
JTAG Interface
FX3’s JTAG interface has a standard five-pin interface to connect
to a JTAG debugger in order to debug firmware through the
CPU-core's on-chip-debug circuitry.
Industry-standard debugging tools for the ARM926EJ-S core
can be used for the FX3 application development.
Other Interfaces
FX3 supports the following serial peripherals:
UART
I
2C
I
2S
SPI
The SPI, UART, and I2S interfaces are multiplexed on the serial
peripheral port.
The CYUSB3012 and CYUSB3014 Pin List (GPIF II with 32-bit
Data Bus Width) on page 15 shows details of how these inter-
faces are multiplexed. Note that when GPIF II is configured for a
32-bit data bus width (CYUSB3012 and CYUSB3014), only the
UART interface is available on GPIO[53] to GPIO[56].
UART Interface
The UART interface of FX3 supports full-duplex communication.
It includes the signals noted in Table 1.
The UART is capable of generating a range of baud rates, from
300 bps to 4608 Kbps, selectable by the firmware. If flow control
is enabled, then FX3's UART only transmits data when the CTS
input is asserted. In addition to this, FX3’s UART asserts the RTS
output signal, when it is ready to receive data.
I2C Interface
FX3’s I2C interface is compatible with the I2C Bus Specification
Revision 3. This I2C interface is capable of operating only as I2C
master; therefore, it may be used to communicate with other I2C
slave devices. For example, FX3 may boot from an EEPROM
connected to the I2C interface, as a selectable boot option.
FX3’s I2C Master Controller also supports multi-master mode
functionality.
The power supply for the I2C interface is VIO5, which is a
separate power domain from the other serial peripherals. This
gives the I2C interface the flexibility to operate at a different
voltage than the other serial interfaces.
The I2C controller supports bus frequencies of 100 kHz,
400 kHz, and 1 MHz. When VIO5 is 1.2 V, the maximum
operating frequency supported is 100 kHz. When VIO5 is 1.8 V,
2.5 V, or 3.3 V, the operating frequencies supported are 400 kHz
and 1 MHz. The I2C controller supports the clock-stretching
feature to enable slower devices to exercise flow control.
The I2C interface’s SCL and SDA signals require external pull-up
resistors. The pull-up resistors must be connected to VIO5.
I2S Interface
FX3 has an I2S port to support external audio codec devices.
FX3 functions as I2S Master as transmitter only. The I2S interface
consists of four signals: clock line (I2S_CLK), serial data line
(I2S_SD), word select line (I2S_WS), and master system clock
(I2S_MCLK). FX3 can generate the system clock as an output
on I2S_MCLK or accept an external system clock input on
I2S_MCLK.
The sampling frequencies supported by the I2S interface are
32 kHz, 44.1 kHz, and 48 kHz.
SPI Interface
FX3 supports an SPI Master interface on the Serial Peripherals
port. The maximum operation frequency is 33 MHz.
The SPI controller supports four modes of SPI communication
(see SPI Timing Specification on page 36 for details on the
modes) with the Start-Stop clock. This controller is a
single-master controller with a single automated SSN control. It
supports transaction sizes ranging from 4 bits to 32 bits.
Table 1. UART Interface Signals
Signal
Description
TX
Output signal
RX
Input signal
CTS
Flow control
RTS
Flow control


Similar Part No. - CYUSB3014-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXC INFINEON-CYUSB3014-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXCT INFINEON-CYUSB3014-BZXCT Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
More results

Similar Description - CYUSB3014-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com