Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013CN8 Datasheet(PDF) 6 Page - Linear Dimensions Semiconductor

Part # LT1013CN8
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1013CN8 Datasheet(HTML) 6 Page - Linear Dimensions Semiconductor

Back Button LT1013CN8 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 10Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT1013/LT1014

10134fd
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
LT1013AC
LT1014AC
LT1013C/D/I
LT1014C/D/I
UNITS
MIN
TYP MAX MIN
TYP MAX MIN
TYP MAX
VOS
Input Offset Voltage
LT1013D/I, LT1014D/I
VS = 5V, 0V; VO = 1.4V
LT1013D/I, LT1014D/I
VS = 5V, 0V; VO = 1.4V
l
l
l
l
55
75
240
350
65
85
270
380
80
230
110
280
400
1000
570
1200
µV
µV
µV
µV
Average Input Offset
Voltage Drift
(Note 3)
LT1013D/I, LT1014D/I
l
l
0.3
2.0
0.3
2.0
0.4
0.7
2.5
5.0
µV/°C
µV/°C
IOS
Input Offset Current
VS = 5V, 0V; VO = 1.4V
l
l
0.2
0.4
1.5
3.5
0.2
0.4
1.7
4.0
0.3
0.5
2.8
6.0
nA
nA
IB
Input Bias Current
VS = 5V, 0V; VO = 1.4V
l
l
13
18
25
55
13
20
25
60
16
24
38
90
nA
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
l
1.0
5.0
1.0
5.0
0.7
4.0
V/µV
CMRR
Common Mode Rejection
Ratio
VCM = 13.0V, –15.0V
l
98
116
98
116
94
113
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±18V
l
101
119
101
119
97
116
dB
VOUT
Output Voltage Swing
RL = 2k
VS = 5V, 0V; RL = 600Ω
Output Low
Output High
l
l
l
±12.5
3.3
±13.9
6
3.9
13
±12.5
3.3
±13.9
6
3.9
13
±12.0
3.2
±13.9
6
3.9
13
V
mV
V
IS
Supply Current per Amplifier
VS = 5V, 0V; VO = 1.4V
l
l
0.36
0.32
0.55
0.50
0.36
0.32
0.55
0.50
0.37
0.34
0.60
0.55
mA
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Rating condition for extended periods may affect device reliability
and lifetime.
The l denotes the specifications which apply over the temperature range
–40°C ≤ TA ≤ 85°C for LT1013I, LT1014I, 0°C ≤ TA ≤ 70°C for LT1013C, LT1013D, LT1014C, LT1014D. VS = ±15V, VCM = 0V unless
otherwise noted.
Note 2: This parameter is guaranteed by design and is not tested. Typical
parameters are defined as the 60% yield of parameter distributions of
individual amplifiers; i.e., out of 100 LT1014s (or 100 LT1013s) typically
240 op amps (or 120 ) will be better than the indicated specification.
Note 3: This parameter is not 100% tested.


Similar Part No. - LT1013CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013CN8 LINER-LT1013CN8 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1013CN8 LINER-LT1013CN8 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013CN8 LINEAR-LT1013CN8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1013CN8 LINEAR-LT1013CN8 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com