Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1001CN8 Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

Part # LT1001CN8
Description  Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1001CN8 Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LT1001CN8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1001CN8 Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1001
1001fb
TYPICAL APPLICATIONS
Microvolt Comparator with TTL Output
Photodiode Amplifier
+
LT1001
2
2
3
3
6
6
2k*
8.2k
LM329
15V
2
3
6
1001 TA07
2k
4.99k*
2k
–15V
*RN60C FILM RESISTORS
15V
IN4148
350
Ω BRIDGE
2N2219
REFERENCE OUT
TO MONITORING
A/D CONVERTER
IN4148
100
100
5W
10k
ZERO
1
µF
340k*
0V TO 10V
OUT
301k
1.1k*
2N2907
+
LT1001
+
LT1001
*
GAIN
TRIM
Strain Gauge Signal Conditioner with Bridge Excitation
2
3
–5V
7
8
5V
NON
INVERTING
INPUT
INVERTING
INPUT
4
IN914
1001 TA03
OUTPUT
2N3904
4.99k
1%
20k
5%
1.21M
1%
39.2
1%
5k
5%
+
LT1001
POSITIVE FEEDBACK TO ONE OF THE NULLING TERMINALS
CREATES 5
µ TO 20µV OF HYSTERESIS. INPUT OFFSET VOLTAGE IS
TYPICALLY CHANGED BY LESS THAN 5
µV DUE TO THE FEEDBACK.
2
3
6
100pF
100pF
1001 TA04
OUTPUT
1V/
µA
500k
1%
500k 1%
+
LT1001
λ
Precision Current Sink
2
3
6
7
R
–5V
VIN
V+ = 2V to 35V
4
1001 TA06
10K
+
LT1001
2N3685
2N2219
0 to (V+ – 1V)
IOUT =
VIN
R
2
3
6
7
R
5V
VIN
V= –2 to –35V
4
1001 TA05
C
RC
≈ 10–4
5k
5k
10k
+
LT1001
2N3685
1000pF
2N2219
0 to (V+ 1V)
IOUT =
VIN
R
Precision Current Source


Similar Part No. - LT1001CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001CN8 LINER-LT1001CN8 Datasheet
326Kb / 12P
   Precision Operational Amplifier
LT1001CN8 LINER-LT1001CN8 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results

Similar Description - LT1001CN8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com