Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEE144F-C0 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # GEE144F-C0
Description  Use slotted product on irregularly shaped and round panel holes, Grommet Edging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GEE144F-C0 Datasheet(HTML) 3 Page - PANDUIT CORP.

  GEE144F-C0 Datasheet HTML 1Page - PANDUIT CORP. GEE144F-C0 Datasheet HTML 2Page - PANDUIT CORP. GEE144F-C0 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL SOLUTIONS
Order number of reels required, in multiples of Standard Package Quantity.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Grommet Edging (continued)
‡Reel packaging may contain splices. Contact Panduit Customer Service for further information.
*This material is not listed under Military Standard MS21266.
mm
In.
mm
In.
mm
In.
Std.
Pkg.
Qty.‡
Temperature
Range
Color
Material
Panel Thickness Range
Height
B
Width
A
Part Number
Solid Flame Retardant – Used on straight edges only
GES36FR-CY
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Flame Retardant
Polyethylene
Natural
-4°F – 167°F
(-20°C – 75°C)
1
GES62FR-CY
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Flame Retardant
Polyethylene
Natural
1
GES99FR-CY
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Flame Retardant
Polyethylene
Natural
1
GES144FR-CY
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Flame Retardant
Polyethylene
Natural
1
Slotted Nylon
GEE47N-C
0.13
3.2
0.14
3.6
0.039 – 0.055
1.0 – 1.4
Nylon 6
Natural
-40°F – 149°F
(-40°C – 65°C)
1
GEE55N-C
0.13
3.4
0.14
3.6
0.047 – 0.063
1.2 – 1.6
Nylon 6
Natural
1
GEE71N-C
0.15
3.8
0.14
3.6
0.063 – 0.079
1.6 – 2.0
Nylon 6
Natural
1
GEE98N-C
0.18
4.6
0.14
3.6
0.091 – 0.106
2.3 – 2.7
Nylon 6
Natural
1
GEE134N-C
0.21
5.3
0.14
3.6
0.126 – 0.142
3.2 – 3.6
Nylon 6
Natural
1
Military Standard MS21266 in 12 3/4" Lengths
GE52-C
0.15
3.8
0.16
3.9
0.015 – 0.052
0.4 – 1.3
Nylon 6.6
Natural
-40°F – 149°F
(-40°C – 65°C)
100
GE52-C69*
0.15
3.8
0.16
3.9
0.015 – 0.052
0.4 – 1.3
Flame Retardant
Nylon 6.6
Natural
100
GE85-C
0.18
4.5
0.16
3.9
0.052 – 0.085
1.3 – 2.2
Nylon 6.6
Natural
100
GE85-C69*
0.18
4.5
0.16
3.9
0.052 – 0.085
1.3 – 2.2
Flame Retardant
Nylon 6.6
Natural
100
GE128-C
0.22
5.6
0.16
3.9
0.085 – 0.128
2.2 – 3.3
Nylon 6.6
Natural
100
GE128-C69*
0.22
5.6
0.16
3.9
0.085 – 0.128
2.2 – 3.3
Flame Retardant
Nylon 6.6
Natural
100
GE192-L
0.33
8.3
0.23
5.8
0.128 – 0.192
3.3 – 4.9
Nylon 6.6
Natural
50
GE192-L69*
0.33
8.3
0.23
5.8
0.128 – 0.192
3.3 – 4.9
Flame Retardant
Nylon 6.6
Natural
50
GE255-L
0.39
9.8
0.24
6.1
0.192 – 0.255
4.9 – 6.5
Nylon 6.6
Natural
50
GE318-L
0.46
11.3
0.26
6.5
0.255 –0.318
6.5 – 8.1
Nylon 6.6
Natural
50
GE380-Q
0.52
13.1
0.26
6.5
0.318 – 0.380
8.1 – 9.7
Nylon 6.6
Natural
25
GE510-Q
0.64
16.3
0.26
6.5
0.380 – 0.510
9.7 – 13.0
Nylon 6.6
Natural
25


Similar Part No. - GEE144F-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GEE144F-C0 PANDUIT-GEE144F-C0 Datasheet
104Kb / 3P
   Grommet Edging
More results

Similar Description - GEE144F-C0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GEE36F-A-C0 PANDUIT-GEE36F-A-C0 Datasheet
104Kb / 3P
   Grommet Edging
logo
3M Electronics
8411 3M-8411 Datasheet
13Kb / 2P
   Edging and Reinforcing Tape
logo
Ledil, Inc.
CA12893 LEDIL-CA12893 Datasheet
3Mb / 7P
   ~30째 wide round shaped beam
logo
Sanken electric
SEL4017 SANKEN-SEL4017 Datasheet
24Kb / 1P
   2phi Round Special-shaped LED
logo
Harwin Plc
G125-4510000B HARWIN-G125-4510000B Datasheet
42Kb / 1P
   M2 ROUND SLOTTED NUT
logo
List of Unclassifed Man...
12066591 ETC-12066591 Datasheet
154Kb / 1P
   Automotive Connectors TAPE ON GROMMET BLACK
logo
Mercury United Electron...
U1 MERCURY-U1_15 Datasheet
105Kb / 1P
   A round shaped AT-Cut crystal plate inside.
U5 MERCURY-U5_15 Datasheet
102Kb / 1P
   A round shaped AT-Cut crystal plate inside.
U5MJ MERCURY-U5MJ_15 Datasheet
103Kb / 1P
   A round shaped AT-Cut crystal plate inside.
logo
Adam Technologies, Inc.
RF4-500-6 ADAM-TECH-RF4-500-6 Datasheet
75Kb / 1P
   F FEMALE PANEL 2 HOLES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com