Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C3V0 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BZX55C3V0
Description  BZX55C2V4 - BZX55C56 Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C3V0 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BZX55C3V0 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C3V0 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
BZX55C2V4 - BZX55C56 Rev. D1
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
2. Maximum Zener Current Ratings (IZM)
The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve.
Top Mark Information
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
15.3
16.8
18.8
20.8
22.8
17.1
19.1
21.1
23.3
25.6
40
50
55
55
80
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
12
14
15
17
18
24
21
20
18
16
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
25.1
28.0
31.0
34.0
37.0
28.9
32.0
35.0
38.0
41.0
80
80
80
80
90
5
5
5
5
2.5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
5
20
22
24
27
28
14
13
12
11
10
BZX55C43
BZX55C47
BZX55C51
BZX55C56
40
44
48
52
46
50
54
60
90
110
125
135
2.5
2.5
2.5
2.5
0.1
0.1
0.1
0.1
5
5
10
10
32
35
38
42
9.2
8.5
7.8
7.0
VF Forward Voltage = 1.3V Max. @ IF = 100mA
Device
Line 1
Line 2
Line 3
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
2V4
2V7
3V0
3V3
3V6
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
3V9
4V3
4V7
5V1
5V6
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
6V2
6V8
7V5
8V2
9V1
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
10
11
12
13
15
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
16
18
20
22
24
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
LOGO
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
5C
27
30
33
36
39
BZX55C43
BZX55C47
BZX55C51
BZX55C56
LOGO
LOGO
LOGO
LOGO
5C
5C
5C
5C
43
47
51
56


Similar Part No. - BZX55C3V0

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZX55C3V0 SUNMATE-BZX55C3V0 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Yangzhou yangjie electr...
BZX55C3V0 YANGJIE-BZX55C3V0 Datasheet
196Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C3V0 CHONGQING-BZX55C3V0 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55C3V0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com