Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXM4LB2F7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RXM4LB2F7
Description  Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RXM4LB2F7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RXM4LB2F7 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4LB2F7 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4LB2F7 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4LB2F7 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4LB2F7 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM4LB2F7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
Electromechanical Zelio Relay
RXM Optimum miniature plug-in relays
Characteristics (continued)
Coil characteristics
Average consumption
a
VA
1.2
c
W
0,9
Drop-out voltage threshold
a
≥ 0.15 Uc
c
≥ 0.1 Uc
Operating time
(response time)
Between coil energisation
and making of the On-delay
contact
a
ms
20
c
ms
20
Between coil de-energisation
and making of the Off-delay
contact
a
ms
20
c
ms
20
Control circuit voltage Uc
V
12
24
36
48
110
120
230
Relay control voltage codes
JD
BD
CD
ED
FD
DC supply
Average resistance at 20 °C ± 10%
Ω
160
630
1500
2600
11000
Operating voltage limits
Min.
V
9.6
19.2
28.8
38.4
88
Max.
V
13.2
26.4
39.6
52.8
121
Relay control voltage codes
B7
–––F7
P7
AC supply
Average resistance at 20 °C ± 15%
Ω
160
4500
15000
Operating voltage limits
Min.
V
19.2
–––96
184
Max.
V
26.4
132
253
Socket characteristics
Socket Type
RXZ E1M2C
RXZ E1M4C
Relay Type
RXM 2ppppp
RXM 2ppppp, RXM 4ppppp
Contact terminal arrangement
Mixed
Wire connection method
Screw clamp
Width
mm
22.5
29
Product certifications
None
Conformity to standards
e, ROHS, IEC 61984
Electrical Ratings
Conventional Thermal Current (Ith)
A
7
Nominal Voltage Rating
V
250 (IEC)
Dielectric Strength
Output to Adjacent Output Terminals
Vrms 2 500
Output to Input Terminals
Vrms 2 500
General Characteristics
Temperature range
Operating
°C
- 40…+ 55
Storage
°C
- 55…+ 85
Degree of protection
Conforming to IEC/EN 60529
IP 20
Connection
Solid cable without
cable end
1 conductor
mm2
0.5…1.5
AWG 20…16
2 conductors
mm2
0.5…1.5
AWG 20…16
Flexible cable with
cable end
1 conductor
mm2
0.25…1
AWG 22…17
2 conductors
mm2
0.25…1
AWG 22…17
Screw Size
mm
M3
Maximum tightening torque
Nm
0.8 (M3 Screw)
Mounting
35 mm DIN Rail / Panel
DIN Rail locking method
Red Plastic Clip
Terminal Marking
IEC, NEMA
Relay fixing plastic clip compatible
No
No
Relay fixing metal clip compatible
Yes
Yes
Protection modules
No
No
Clip-In legend
No
No
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
28212-EN
version: 1.1


Similar Part No. - RXM4LB2F7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB1B7 SCHNEIDER-RXM4AB1B7 Datasheet
219Kb / 6P
   Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V AC
RXM4AB1B7PVM SCHNEIDER-RXM4AB1B7PVM Datasheet
189Kb / 6P
   Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 24 V AC
RXM4AB1B7PVS SCHNEIDER-RXM4AB1B7PVS Datasheet
192Kb / 6P
   Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V AC
logo
List of Unclassifed Man...
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
   miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
logo
Schneider Electric
RXM4AB1BD SCHNEIDER-RXM4AB1BD Datasheet
219Kb / 6P
   Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V DC
More results

Similar Description - RXM4LB2F7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
   miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RXM2AB2B7 ETC2-RXM2AB2B7 Datasheet
76Kb / 5P
   miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
   miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
ZETTLER Electronics
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
logo
Schneider Electric
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
   Miniature plug-in relay
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
   Miniature plug-in relay
logo
Panasonic Semiconductor
DS2Y-S-DC24V PANASONIC-DS2Y-S-DC24V Datasheet
73Kb / 3P
   Miniature Relay DS2Y RELAYS
logo
Schneider Electric
RXM4AB3F7 SCHNEIDER-RXM4AB3F7 Datasheet
212Kb / 6P
   Plug In Relay, Zelio Relay, miniature, 6A at 277VAC, 4CO contacts, 120VAC 50/60Hz coil, with LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com