Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835T-6I Datasheet(PDF) 8 Page - STMicroelectronics

Part # T835T-6I
Description  Snubberless?? logic level and standard 8 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-6I Datasheet(HTML) 8 Page - STMicroelectronics

  T835T-6I Datasheet HTML 1Page - STMicroelectronics T835T-6I Datasheet HTML 2Page - STMicroelectronics T835T-6I Datasheet HTML 3Page - STMicroelectronics T835T-6I Datasheet HTML 4Page - STMicroelectronics T835T-6I Datasheet HTML 5Page - STMicroelectronics T835T-6I Datasheet HTML 6Page - STMicroelectronics T835T-6I Datasheet HTML 7Page - STMicroelectronics T835T-6I Datasheet HTML 8Page - STMicroelectronics T835T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
T8T
8/9
Doc ID 16192 Rev 3
4
Ordering information
5
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
T810T-6I
T810T-6I
TO-220AB-Ins.
2.3 g
50
Tube
T820T-6I
T820T-6I
T825T-6I
T825T-6I
T835T-6I
T835T-6I
Table 8.
Document revision history
Date
Revision
Changes
10-Sep-2009
1
First issue.
18-Jan-2010
2
Updated pag.1.
20-Sep-2011
3
Updated: Features.


Similar Part No. - T835T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
logo
Inchange Semiconductor ...
T835T-8FP ISC-T835T-8FP Datasheet
172Kb / 1P
   isc Thyristors
logo
STMicroelectronics
T835T-8G STMICROELECTRONICS-T835T-8G Datasheet
232Kb / 11P
   8 A 800 V D2PAK Snubberless™ Triac
DS12531 - Rev 3 - July 2018
T835T-8G-TR STMICROELECTRONICS-T835T-8G-TR Datasheet
232Kb / 11P
   8 A 800 V D2PAK Snubberless™ Triac
DS12531 - Rev 3 - July 2018
logo
Inchange Semiconductor ...
T835T-8I ISC-T835T-8I Datasheet
227Kb / 2P
   isc Thyristors
More results

Similar Description - T835T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08_10 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com