Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810T-6I Datasheet(PDF) 2 Page - STMicroelectronics

Part # T810T-6I
Description  Snubberless?? logic level and standard 8 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810T-6I Datasheet(HTML) 2 Page - STMicroelectronics

  T810T-6I Datasheet HTML 1Page - STMicroelectronics T810T-6I Datasheet HTML 2Page - STMicroelectronics T810T-6I Datasheet HTML 3Page - STMicroelectronics T810T-6I Datasheet HTML 4Page - STMicroelectronics T810T-6I Datasheet HTML 5Page - STMicroelectronics T810T-6I Datasheet HTML 6Page - STMicroelectronics T810T-6I Datasheet HTML 7Page - STMicroelectronics T810T-6I Datasheet HTML 8Page - STMicroelectronics T810T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T8T
2/9
Doc ID 16192 Rev 3
1
Characteristics
Table 2.
Absolute ratings (limiting values; Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS) On-state rms current (full sine wave)
Tc = 97 °C
8
A
ITSM
Non repetitive surge peak on-state current
(full cycle, Tj initial = 25 °C)
F = 50 Hz
tp = 20 ms
60
A
F = 60 Hz
tp = 16.7 ms
63
I²tI²t Value for fusing
tp = 10 ms
26
A²s
dI/dt
Critical rate of rise of on-state current IG = 2 x IGT
tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
VDSM /
VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Storage junction temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 40 to + 125
°C


Similar Part No. - T810T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
   8 A logic level Triac
February 2015 Rev 2
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
   8 A logic level Triac
November 2014 Rev 1
More results

Similar Description - T810T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08_10 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com