Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431BIM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM431BIM
Description  LM431 Adjustable Precision Zener Shunt Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431BIM Datasheet(HTML) 1 Page - Texas Instruments

  LM431BIM Datasheet HTML 1Page - Texas Instruments LM431BIM Datasheet HTML 2Page - Texas Instruments LM431BIM Datasheet HTML 3Page - Texas Instruments LM431BIM Datasheet HTML 4Page - Texas Instruments LM431BIM Datasheet HTML 5Page - Texas Instruments LM431BIM Datasheet HTML 6Page - Texas Instruments LM431BIM Datasheet HTML 7Page - Texas Instruments LM431BIM Datasheet HTML 8Page - Texas Instruments LM431BIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM431
www.ti.com
SNVS020G – MAY 2000 – REVISED APRIL 2013
LM431 Adjustable Precision Zener Shunt Regulator
Check for Samples: LM431
1
FEATURES
DESCRIPTION
The LM431 is a 3-terminal adjustable shunt regulator
2
Average Temperature Coefficient 50 ppm/°C
with ensured temperature stability over the entire
Temperature Compensated for Operation Over
temperature range of operation. The output voltage
the Full Temperature Range
may be set at any level greater than 2.5V (VREF) up to
Programmable Output Voltage
36V merely by selecting two external resistors that
act as a voltage divided network. Due to the sharp
Fast Turn-On Response
turn-on characteristics this device is an excellent
Low Output Noise
replacement for many zener diode applications.
Connection Diagram
Figure 1. TO-92: Plastic Package
Figure 2. SOT-23: 3-Lead Small Outline
Top View
Top View
A.
Note: NC = Not internally connected.
Figure 3. SOIC: 8-Pin Surface Mount
Top view
Symbol and Functional Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM431BIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431BIM FAIRCHILD-LM431BIM Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM431BIM NSC-LM431BIM Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431BIM NSC-LM431BIM Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Fairchild Semiconductor
LM431BIM FAIRCHILD-LM431BIM Datasheet
135Kb / 12P
   Programmable Shunt Regulator
logo
Texas Instruments
LM431BIM TI1-LM431BIM Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431BIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com