Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2638MX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2638MX
Description  LM2638 Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2638MX Datasheet(HTML) 4 Page - Texas Instruments

  LM2638MX Datasheet HTML 1Page - Texas Instruments LM2638MX Datasheet HTML 2Page - Texas Instruments LM2638MX Datasheet HTML 3Page - Texas Instruments LM2638MX Datasheet HTML 4Page - Texas Instruments LM2638MX Datasheet HTML 5Page - Texas Instruments LM2638MX Datasheet HTML 6Page - Texas Instruments LM2638MX Datasheet HTML 7Page - Texas Instruments LM2638MX Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OBSOLETE
LM2638
SNVS046A – MAY 2004 – REVISED NOVEMBER 2004
www.ti.com
Electrical Characteristics (continued)
VCC = 5V, VDD = 12V unless otherwise specified. Typicals and limits appearing in plain type apply for TA = TJ = +25°C. Limits
appearing in boldface type apply over the 0°C to +70°C range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOCP
Over-Current Trip Point (CS+ and
CS+ = 2V, CS
− Drops from 2V
41
55
69
mV
CS
− Differential Voltage)
1.5V LDO CONTROLLER SECTION
VSNS2
SNS2 Voltage
VDD = 12V, VCC = 4.75V to 5.25V,
1.463
1.5
1.538
V
IG2 = 0 mA to 20 mA
ROUT2
Output Resistance
200
Ω
ISNS2
SNS2 Pin Bias Current
When Regulating
21
μA
VPWGD_HI
PWGD High Trip Point
(2)
0.63
V
VPWGD_LO
PWGD Low Trip Point
(2)
0.44
V
1.25V LDO CONTROLLER SECTION
VSNS3
SNS3 Voltage
VDD = 12V, VCC = 4.75V to 5.25V,
1.219
1.25
1.281
V
IG3 = 0 mA to 20 mA
ROUT3
Output Resistance
200
Ω
ISNS3
SNS3 Pin Bias Current
When Regulating
0
μA
VPWGD_HI
PWGD High Trip Point
(2)
0.63
V
VPWGD_LO
PWGD Low Trip Point
(3)
0.44
V
(3)
The output level of the PWGD pin is a logic AND of the power good function of the switching section, the 1.5V section and the 1.25V
section. For the switching section, the power good is a window. For the two linear sections, the power good is a threshold with some
hysteresis.
4
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2638


Similar Part No. - LM2638MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2638M NSC-LM2638M Datasheet
165Kb / 8P
   Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
More results

Similar Description - LM2638MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2637 NSC-LM2637 Datasheet
360Kb / 17P
   Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
LM2638 NSC-LM2638 Datasheet
165Kb / 8P
   Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
logo
Linear Technology
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
   5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
   5-Bit Programmable Synchronous Switching Regulator Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
logo
Texas Instruments
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com