Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2660MM Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2660MM
Description  LM2660 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2660MM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2660MM Datasheet HTML 4Page - Texas Instruments LM2660MM Datasheet HTML 5Page - Texas Instruments LM2660MM Datasheet HTML 6Page - Texas Instruments LM2660MM Datasheet HTML 7Page - Texas Instruments LM2660MM Datasheet HTML 8Page - Texas Instruments LM2660MM Datasheet HTML 9Page - Texas Instruments LM2660MM Datasheet HTML 10Page - Texas Instruments LM2660MM Datasheet HTML 11Page - Texas Instruments LM2660MM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM2660
SNVS135D – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
SIMPLE NEGATIVE VOLTAGE CONVERTER
The main application of LM2660 is to generate a negative supply voltage. The voltage inverter circuit uses only
two external capacitors as shown in the Basic Application Circuits. The range of the input supply voltage is 1.5V
to 5.5V. For a supply voltage less than 3.5V, the LV pin must be connected to ground to bypass the internal
regulator circuitry. This gives the best performance in low voltage applications. If the supply voltage is greater
than 3.5V, LV may be connected to ground or left open. The choice of leaving LV open simplifies the direct
substitution of the LM2660 for the LMC7660 Switched Capacitor Voltage Converter.
The output characteristics of this circuit can be approximated by an ideal voltage source in series with a resistor.
The voltage source equals
−(V+). The output resistance Rout is a function of the ON resistance of the internal
MOS switches, the oscillator frequency, and the capacitance and ESR of C1 and C2. A good approximation is:
(1)
where RSW is the sum of the ON resistance of the internal MOS switches shown in Figure 16.
High value, low ESR capacitors will reduce the output resistance. Instead of increasing the capacitance, the
oscillator frequency can be increased to reduce the 2/(fosc × C1) term. Once this term is trivial compared with RSW
and ESRs, further increasing in oscillator frequency and capacitance will become ineffective.
The peak-to-peak output voltage ripple is determined by the oscillator frequency, and the capacitance and ESR
of the output capacitor C2:
(2)
Again, using a low ESR capacitor will result in lower ripple.
POSITIVE VOLTAGE DOUBLER
The LM2660 can operate as a positive voltage doubler (as shown in the Basic Application Circuits). The doubling
function is achieved by reversing some of the connections to the device. The input voltage is applied to the GND
pin with an allowable voltage from 2.5V to 5.5V. The V+ pin is used as the output. The LV pin and OUT pin must
be connected to ground. The OSC pin can not be driven by an external clock in this operation mode. The
unloaded output voltage is twice of the input voltage and is not reduced by the diode D1's forward drop.
The Schottky diode D1 is only needed for start-up. The internal oscillator circuit uses the V+ pin and the LV pin
(connected to ground in the voltage doubler circuit) as its power rails. Voltage across V+ and LV must be larger
than 1.5V to insure the operation of the oscillator. During startup, D1 is used to charge up the voltage at V+ pin to
start the oscillator; also, it protects the device from turning-on its own parasitic diode and potentially latching-up.
Therefore, the Schottky diode D1 should have enough current carrying capability to charge the output capacitor
at start-up, as well as a low forward voltage to prevent the internal parasitic diode from turning-on. A Schottky
diode like 1N5817 can be used for most applications. If the input voltage ramp is less than 10V/ms, a smaller
Schottky diode like MBR0520LT1 can be used to reduce the circuit size.
SPLIT V+ IN HALF
Another interesting application shown in the Basic Application Circuits is using the LM2660 as a precision voltage
divider. Since the off-voltage across each switch equals VIN/2, the input voltage can be raised to +11V.
CHANGING OSCILLATOR FREQUENCY
The internal oscillator frequency can be selected using the Frequency Control (FC) pin. When FC is open, the
oscillator frequency is 10 kHz; when FC is connected to V+, the frequency increases to 80 kHz. A higher
oscillator frequency allows smaller capacitors to be used for equivalent output resistance and ripple, but
increases the typical supply current from 0.12 mA to 1 mA.
The oscillator frequency can be lowered by adding an external capacitor between OSC and GND. (See Typical
Performance Characteristics.) Also, in the inverter mode, an external clock that swings within 100 mV of V+ and
GND can be used to drive OSC. Any CMOS logic gate is suitable for driving OSC. LV must be grounded when
driving OSC. The maximum external clock frequency is limited to 150 kHz.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2660


Similar Part No. - LM2660MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2660MM NSC-LM2660MM Datasheet
296Kb / 12P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2660MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2660 TI-LM2660_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2660 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com