Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2660M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2660M
Description  LM2660 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2660M Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2660M Datasheet HTML 2Page - Texas Instruments LM2660M Datasheet HTML 3Page - Texas Instruments LM2660M Datasheet HTML 4Page - Texas Instruments LM2660M Datasheet HTML 5Page - Texas Instruments LM2660M Datasheet HTML 6Page - Texas Instruments LM2660M Datasheet HTML 7Page - Texas Instruments LM2660M Datasheet HTML 8Page - Texas Instruments LM2660M Datasheet HTML 9Page - Texas Instruments LM2660M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM2660
SNVS135D – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
(Circuit of Figure 1)
Oscillator Frequency
vs
Temperature (FC = Open)
Figure 14.
CONNECTION DIAGRAMS
Figure 15. Top View
8-Lead SOIC (D) or VSSOP (DGK)
Pin Description
Function
Pin
Name
Voltage Inverter
Voltage Doubler
Frequency control for internal oscillator:
FC = open, fOSC = 10 kHz (typ);
1
FC
Same as inverter.
FC = V+, fOSC = 80 kHz (typ);
FC has no effect when OSC pin is driven
externally.
Connect this pin to the positive terminal of charge-
2
CAP+
Same as inverter.
pump capacitor.
3
GND
Power supply ground input.
Power supply positive voltage input.
Connect this pin to the negative terminal of
4
CAP
Same as inverter.
charge-pump capacitor.
5
OUT
Negative voltage output.
Power supply ground input.
Low-voltage operation input. Tie LV to GND when
input voltage is less than 3.5V. Above 3.5V, LV
6
LV
can be connected to GND or left open. When
LV must be tied to OUT.
driving OSC with an external clock, LV must be
connected to GND.
Oscillator control input. OSC is connected to an
internal 15 pF capacitor. An external capacitor can Same as inverter except that OSC cannot be driven by
7
OSC
be connected to slow the oscillator. Also, an
an external clock.
external clock can be used to drive OSC.
8
V+
Power supply positive voltage input.
Positive voltage output.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2660


Similar Part No. - LM2660M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2660M NSC-LM2660M Datasheet
296Kb / 12P
   Switched Capacitor Voltage Converter
LM2660MM NSC-LM2660MM Datasheet
296Kb / 12P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2660M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2660 TI-LM2660_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2660 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com