Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38690DTX-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38690DTX-5.0
Description  1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38690DTX-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LP38690DTX-5.0 Datasheet HTML 1Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 2Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 3Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 4Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 5Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 6Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 7Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 8Page - Texas Instruments LP38690DTX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ENABLE
LOGIC
-
+
MOSFET
DRIVER
FOLDBACK
CURRENT
LIMITING
1.25V
REFERENCE
THERMAL
SHUTDOWN
VIN
VOUT
GND
P-FET
P-FET
VEN
R1
R2
SNS
ENABLE
LOGIC
-
+
MOSFET
DRIVER
FOLDBACK
CURRENT
LIMITING
1.25V
REFERENCE
THERMAL
SHUTDOWN
VIN
VOUT
GND
P-FET
P-FET
R1
R2
LP38690, LP38692
www.ti.com
SNVS322J – DECEMBER 2004 – REVISED APRIL 2013
Figure 6. LP38690 Functional Diagram (PFM)
Figure 7. LP38692 Functional Diagram (WSON)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38690 LP38692


Similar Part No. - LP38690DTX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
   1A Low Dropout CMOS Linear Regulators
LP38690-ADJ NSC-LP38690-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
More results

Similar Description - LP38690DTX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com