Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950CDTX-3.3 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2950CDTX-3.3
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2950CDTX-3.3 Datasheet(HTML) 3 Page - Texas Instruments

  LP2950CDTX-3.3 Datasheet HTML 1Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 2Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 3Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 4Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 5Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 6Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 7Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 8Page - Texas Instruments LP2950CDTX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764N – JANUARY 2000 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Input Supply Voltage - SHUTDOWN Input Voltage Error Comparator Output Voltage(3)
−0.3 to +30V
FEEDBACK Input Voltage(3)(4)
−1.5 to +30V
Power Dissipation
Internally Limited
Junction Temperature (TJ)
+150°C
Ambient Storage Temperature
−65° to +150°C
Soldering Dwell Time, Temperature
Wave
4 seconds, 260°C
Infrared
10 seconds, 240°C
Vapor Phase
75 seconds, 219°C
ESD Rating
Human Body Model(5)
2500V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
May exceed input supply voltage.
(4)
When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the output voltage should be
diode-clamped to ground.
(5)
Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF; LP2950-N passes 2.5 kV (HBM) ESD; LP2951-N passes 2.5 kV (HBM)
except: Feedback pin passes 1kV (HBM) and Shutdown pin passes 2kV (HBM).
OPERATING RATINGS
(1)
Maximum Input Supply Voltage
30V
LP2950AC-XX, LP2950C-XX
−40° to +125°C
Junction Temperature Range (TJ)
(2)
LP2951
−55° to +150°C
LP2951AC-XX, LP2951C-XX
−40° to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
The junction-to-ambient thermal resistances are as follows: 180°C/W and 160°C/W for the TO-92 package with 0.40 inch and 0.25 inch
leads to the printed circuit board (PCB) respectively, 105°C/W for the molded PDIP (P), 130°C/W for the ceramic DIP (NAB), 160°C/W
for the molded plastic SOIC (D), 200°C/W for the molded plastic VSSOP (DGK), and 160°C/W for the metal can package (LMC). The
above thermal resistances for the P, NAB, D, and DGK packages apply when the package is soldered directly to the PCB. Junction-to-
case thermal resistance for the LMC package is 20°C/W. Junction-to-case thermal resistance for the PFM package is 5.4°C/W. The
value of
θJA for the WSON package is typically 51°C/W but is dependent on the PCB trace area, trace material, and the number of
layers and thermal vias. For details of thermal resistance and power dissipation for the WSON package, refer to Application Note AN-
1187 (literature number SNOA401).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2950-N LP2951-N


Similar Part No. - LP2950CDTX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CDTX-3.3 NSC-LP2950CDTX-3.3 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2950CDTX-3.3 TI1-LP2950CDTX-3.3 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
More results

Similar Description - LP2950CDTX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950ACZ-3.3 TI1-LP2950ACZ-3.3 Datasheet
1Mb / 42P
[Old version datasheet]   LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951 TI1-LP2951 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI-LP2951JAN_15 Datasheet
811Kb / 25P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com